Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11LC010T-IP Datasheet(PDF) 41 Page - Microchip Technology

Part # 11LC010T-IP
Description  1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

11LC010T-IP Datasheet(HTML) 41 Page - Microchip Technology

Back Button 11LC010T-IP Datasheet HTML 36Page - Microchip Technology 11LC010T-IP Datasheet HTML 37Page - Microchip Technology 11LC010T-IP Datasheet HTML 38Page - Microchip Technology 11LC010T-IP Datasheet HTML 39Page - Microchip Technology 11LC010T-IP Datasheet HTML 40Page - Microchip Technology 11LC010T-IP Datasheet HTML 41Page - Microchip Technology 11LC010T-IP Datasheet HTML 42Page - Microchip Technology 11LC010T-IP Datasheet HTML 43Page - Microchip Technology 11LC010T-IP Datasheet HTML 44Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS22067H-page 41
11AAXXX/11LCXXX
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
X
/XXX
Package
Temperature
Tape & Reel
Device
Device:
11AA01 =
1 Kbit, 1.8V UNI/O Serial EEPROM
11LC01 =
1 Kbit, 2.5V UNI/O Serial EEPROM
11AA02 =
2 Kbit, 1.8V UNI/O Serial EEPROM
11LC02 =
2 Kbit, 2.5V UNI/O Serial EEPROM
11AA04 =
4 Kbit, 1.8V UNI/O Serial EEPROM
11LC04 =
4 Kbit, 2.5V UNI/O Serial EEPROM
11AA08 =
8 Kbit, 1.8V UNI/O Serial EEPROM
11LC08 =
8 Kbit, 2.5V UNI/O Serial EEPROM
11AA16 =
16 Kbit, 1.8V UNI/O Serial EEPROM
11LC16 =
16 Kbit, 2.5V UNI/O Serial EEPROM
Device Address:
0
=
Standard Address – 0xA0
1
=
Alternate Address – 0xA1 (11XX161 only)
Tape & Reel:
T
=
Tape and Reel
Blank
=
Tube
Temperature
Range:
I= -40
C to +85C
(Industrial)
E= -40
C to +125C
(Extended)
Package:
P
= 8-lead Plastic DIP (300 mil body)
SN
= 8-lead Plastic SOIC (3.90 mm body)
MS
= 8-lead Plastic Micro Small Outline (MSOP)
MNY(1) = 8-lead 2x3 mm TDFN
TO
= 3-lead Plastic TO-92
TT
= 3-lead SOT-23 (Tape and Reel only)
CS16K(2)= Chip Scale (CS), 4-lead (I-temp, “AA”, Tape and
Reel only)
Examples:
a)
11AA010-I/P = 1 Kbit, 1.8V Serial EEPROM,
Industrial temp., Standard address, PDIP pack-
age
b)
11LC160T-E/TT = 16 Kbit, 2.5V Serial
EEPROM, Extended temp., Tape & Reel,
SOT-23 package
c)
11AA080-I/MS = 8 Kbit, 1.8V Serial EEPROM,
Industrial temp., Standard address, MSOP
package
d)
11LC020T-I/SN = 2 Kbit, 2.5V Serial EEPROM,
Industrial temp., Tape & Reel, Standard
Address, SOIC package
e)
11AA040T-I/MNY = 4 Kbit, 1.8V Serial
EEPROM, Industrial temp., Tape and Reel,
Standard Address, 2x3 mm TDFN package,
Nickel Palladium Gold finish
f)
11LC161-I/SN = 16 Kbit, 2.5V Serial EEPROM,
Industrial temp., Alternate address, SOIC pack-
age
g)
11AA020T-I/CS16K = 2 Kbit, 1.8V Serial
EEPROM, Industrial temp., Standard address,
Chip Scale package
Range
Note
1:
“Y” indicates a Nickel Palladium Gold (NiPdAu) finish.
2:
“16K” indicates 160K technology.
X
Device
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com