Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC512-I/ST Datasheet(PDF) 9 Page - Microchip Technology

Part # 24LC512-I/ST
Description  512K I2C??Serial EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC512-I/ST Datasheet(HTML) 9 Page - Microchip Technology

Back Button 24LC512-I/ST Datasheet HTML 5Page - Microchip Technology 24LC512-I/ST Datasheet HTML 6Page - Microchip Technology 24LC512-I/ST Datasheet HTML 7Page - Microchip Technology 24LC512-I/ST Datasheet HTML 8Page - Microchip Technology 24LC512-I/ST Datasheet HTML 9Page - Microchip Technology 24LC512-I/ST Datasheet HTML 10Page - Microchip Technology 24LC512-I/ST Datasheet HTML 11Page - Microchip Technology 24LC512-I/ST Datasheet HTML 12Page - Microchip Technology 24LC512-I/ST Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
 2010 Microchip Technology Inc.
DS21754M-page 9
24AA512/24LC512/24FC512
5.0
DEVICE ADDRESSING
A control byte is the first byte received following the
Start condition from the master device (Figure 5-1).
The control byte consists of a 4-bit control code; for the
24XX512 this is set as ‘
1010’ binary for read and write
operations. The next three bits of the control byte are
the Chip Select bits (A2, A1 and A0). The Chip Select
bits allow the use of up to eight 24XX512 devices on
the same bus and are used to select which device is
accessed. The Chip Select bits in the control byte must
correspond to the logic levels on the corresponding A2,
A1 and A0 pins for the device to respond. These bits
are in effect the three Most Significant bits of the word
address.
The last bit of the control byte defines the operation to
be performed. When set to a one a read operation is
selected and when set to a zero a write operation is
selected. The next two bytes received define the
address of the first data byte (Figure 5-2). Because all
A15…A0 are used, there are no upper address bits that
are “don’t care”. The upper address bits are transferred
first, followed by the Less Significant bits.
Following the Start condition, the 24XX512 monitors
the SDA bus checking the device type identifier being
transmitted. Upon receiving a ‘
1010’ code and appro-
priate device select bits, the slave device outputs an
Acknowledge signal on the SDA line. Depending on the
state of the R/W bit, the 24XX512 will select a read or
write operation.
FIGURE 5-1:
CONTROL BYTE FORMAT
5.1
Contiguous Addressing Across
Multiple Devices
The Chip Select bits A2, A1 and A0 can be used to
expand the contiguous address space for up to 4 Mbit
by adding up to eight 24XX512 devices on the same
bus. In this case, software can use A0 of the control
byte as address bit A16; A1 as address bit A17; and A2
as address bit A18. It is not possible to sequentially
read across device boundaries.
FIGURE 5-2:
ADDRESS SEQUENCE BIT ASSIGNMENTS
10
1
0
A2
A1
A0
S
ACK
R/W
Control Code
Chip Select
Bits
Slave Address
Acknowledge Bit
Start Bit
Read/Write Bit
1
010
A
2
A
1
A
0 R/W
A
11
A
10
A
9
A
7
A
0
A
8
••
•
•
••
A
12
Control Byte
Address High Byte
Address Low Byte
Control
Code
Chip
Select
Bits
A
13
A
14
A
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com