Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RLS245 Datasheet(PDF) 1 Page - Rohm

Part # RLS245
Description  Leadless high voltage switching diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RLS245 Datasheet(HTML) 1 Page - Rohm

  RLS245 Datasheet HTML 1Page - Rohm RLS245 Datasheet HTML 2Page - Rohm RLS245 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RLS245
Diodes
Rev.A
1/2
Leadless high voltage switching diode
RLS245
Applications
External dimensions
(Unit : mm)
High voltage switching
General purpose rectification
Features
1) Ultra small. (LLDS)
2) For surface mounting.
3) High voltage and high reliability.
Construction
Silicon epitaxial planar
Land size figure
(Unit : mm)
Structure
Taping specifications
Absolute maximum ratings
(Ta=25 C)
Symbol
Unit
VRM
V
VR
V
IFM
mA
Io
mA
Isurge
mA
Pm
Tj
Tstg
Parameter
W
verse voltage (DC)
rage rectified forward current
verse voltage (repetitive peak)
ard current
wer dissipation
175
-65 to +175
Limits
220
200
250
625
300
rge current 1s
1000
nction temperature
torage temperature
Re
Re
Ave
Forw
Su
Po
Ju
S
Electrical characteristics
(Ta=25 C)
Symbol
Min.
Typ.
Max.
Unit
Conditions
VF
--
1.5
V
IF=200mA
IR
--
10
μA
VR=220V
Ct
-
-
3.0
pF
VR=0V , f=1MHz
Trr
-
-
75
ns
IR=20mA,IF=20mA,RL=50
Capacitance between terminals
y time
rse current
Parameter
orward voltage
F
Reve
Reverse recover


Similar Part No. - RLS245

ManufacturerPart #DatasheetDescription
logo
Rohm
RLS245 ROHM-RLS245 Datasheet
56Kb / 2P
Switching diode
logo
Semtech Corporation
RLS245 SEMTECH-RLS245 Datasheet
62Kb / 1P
Silicon Expitaxial Planar Diode?
logo
Weitron Technology
RLS245 WEITRON-RLS245 Datasheet
429Kb / 3P
Surface Mount High-Voltage Switching Diode
logo
Nanjing International G...
RLS245 DGNJDZ-RLS245 Datasheet
133Kb / 2P
Silicon Epitaxial Planar High Voltage Switching Diode
logo
SEMTECH ELECTRONICS LTD...
RLS245 SEMTECH_ELEC-RLS245 Datasheet
347Kb / 1P
Silicon Epitaxial Planar Diode
More results

Similar Description - RLS245

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BAS21SG CYSTEKEC-BAS21SG Datasheet
150Kb / 4P
High voltage switching diode
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
ON Semiconductor
BAS19LT1 ONSEMI-BAS19LT1_07 Datasheet
128Kb / 6P
High Voltage Switching Diode
January, 2007 ??Rev. 9
logo
Rohm
RLS-73 ROHM-RLS-73_1 Datasheet
209Kb / 4P
Leadless High Speed Switching Diode
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V_10 Datasheet
400Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
KODENSHI_AUK CORP.
SDS19F KODENSHI-SDS19F Datasheet
268Kb / 5P
High Voltage Switching Diode
logo
Diodes Incorporated
1SS361LP3 DIODES-1SS361LP3 Datasheet
96Kb / 4P
ULTRA-SMALL LEADLESS SURFACE MOUNT SWITCHING DIODE
Rev erse
logo
Rohm
RLS-73TE-11 ROHM-RLS-73TE-11 Datasheet
209Kb / 4P
Leadless High Speed Switching Diode
logo
First Components Intern...
CD4148 FCI-CD4148_1 Datasheet
117Kb / 2P
LEADLESS CHIP SIGNAL DIODE High Speed Switching
logo
Diodes Incorporated
1SS361LP3 DIODES-1SS361LP3_15 Datasheet
176Kb / 4P
ULTRA-SMALL LEADLESS SURFACE MOUNT SWITCHING DIODE
Rev erse
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com