Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1623 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP1623
Description  Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1623 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP1623 Datasheet HTML 7Page - Microchip Technology MCP1623 Datasheet HTML 8Page - Microchip Technology MCP1623 Datasheet HTML 9Page - Microchip Technology MCP1623 Datasheet HTML 10Page - Microchip Technology MCP1623 Datasheet HTML 11Page - Microchip Technology MCP1623 Datasheet HTML 12Page - Microchip Technology MCP1623 Datasheet HTML 13Page - Microchip Technology MCP1623 Datasheet HTML 14Page - Microchip Technology MCP1623 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
 2010 Microchip Technology Inc.
DS41420A-page 11
MCP1623/24
4.2
Functional Description
The MCP1623/24 is a compact, high-efficiency, fixed
frequency, step-up DC-DC converter that provides an
easy-to-use
power
supply
solution
for
PIC
microcontroller applications powered by either one-cell,
two-cell, or three-cell alkaline, NiCd, or NiMH, or
one-cell Li-Ion or Li-Polymer batteries.
Figure 4-1 depicts the functional block diagram of the
MCP1623/24.
4.2.1
LOW-VOLTAGE START-UP
The MCP1623/24 is capable of starting from a low input
voltage. Start-up voltage is typically 0.65V for a 3.3V
output and 1 mA resistive load.
When enabled, the internal start-up logic turns the
rectifying P-Channel switch on until the output
capacitor is charged to a value close to the input
voltage. The rectifying switch is current limited during
this time. After charging the output capacitor to the
input voltage, the device starts switching. If the input
voltage is below 1.6V, the device runs open-loop with a
fixed duty cycle of 70% until the output reaches 1.6V.
During this time, the boost switch current is limited to
50% of its nominal value. Once the output voltage
reaches 1.6V, normal closed-loop PWM operation is
initiated.
The MCP1623/24 charges an internal capacitor with a
very weak current source. The voltage on this capaci-
tor, in turn, slowly ramps the current limit of the boost
switch to its nominal value. The soft-start capacitor is
completely discharged in the event of a commanded
shutdown or a thermal shutdown.
There is no undervoltage lockout feature for the
MCP1623/24. The device will start-up at the lowest
possible voltage and run down to the lowest possible
voltage. For typical battery applications, this may result
in “motor-boating” for deeply discharged batteries.
FIGURE 4-1:
MCP1623/24 Block Diagram.
GATE DRIVE
AND
SHUTDOWN
CONTROL
LOGIC
VIN
EN
VOUT
GND
ISENSE
IZERO
ILIMIT
.3V
0V
SOFT-START
DIRECTION
CONTROL
OSCILLATOR
SLOPE
COMP.
PWM/PFM
LOGIC
1.21V
INTERNAL
BIAS
SW
FB
EA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com