Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2200 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP2200
Description  USB 2.0 to UART Protocol Converter with GPIO
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2200 Datasheet(HTML) 5 Page - Microchip Technology

  MCP2200 Datasheet HTML 1Page - Microchip Technology MCP2200 Datasheet HTML 2Page - Microchip Technology MCP2200 Datasheet HTML 3Page - Microchip Technology MCP2200 Datasheet HTML 4Page - Microchip Technology MCP2200 Datasheet HTML 5Page - Microchip Technology MCP2200 Datasheet HTML 6Page - Microchip Technology MCP2200 Datasheet HTML 7Page - Microchip Technology MCP2200 Datasheet HTML 8Page - Microchip Technology MCP2200 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
 2010 Microchip Technology Inc.
DS22228A-page 5
MCP2200
1.3.4
HARDWARE FLOW CONTROL
Hardware flow control uses the RTS and CTS pins as
a handshake between two devices. The RTS pin of
one device is typically connected to the CTS of the
other device.
RTS is an active low output which notifies the other
device when it can receive data by driving the pin low.
The MCP2200 trip point for de-asserting RTS (high) is
63 characters. This is one character short of “buffer
full”.
CTS is an active low input which is used to notify the
MCP2200 when it can send data. The MCP2200 will
check CTS just before loading and sending UART data.
If the pin is asserted during a transfer, the transfer will
continue. Refer to Figure 1-1.
1.3.4.1
Flow Control Disabled
The buffer pointer does not increment (or reset to
zero) if the buffer is full. Therefore, if hardware flow
control is not enabled and an overflow occurs (i.e., 65
unprocessed characters received), the new data over-
writes the last position in the buffer.
FIGURE 1-1:
RTS/CTS CONNECTIONS
EXAMPLE
EQUATION 1-1:
SOLVING FOR ACTUAL
BAUD RATE
1.4
USB Protocol Controller
The USB controller in the MCP2200 is full-speed USB
2.0 compliant.
• Composite device (CDC + HID):
- CDC: USB-to-UART communications
- HID: I/O control, EEPROM access and initial
configuration
• 128 byte buffer to handle data throughput at any
UART baud rate:
- 64 byte transmit
-64 byte receive
• Fully configurable VID and PID assignments, and
descriptors (stored on-chip)
• Bus powered or self-powered
1.4.1
DESCRIPTORS
The descriptors are stored in the MCP2200 during
configuration using the supplied PC interface.
1.4.2
SUSPEND AND RESUME
The USB Suspend and Resume signals are supported
for power management of the MCP2200. The device
will enter Suspend mode when suspend signaling is
detected on the bus.
The MCP2200 exits the Suspend mode when any of
the following occur:
1.
Resume signaling is detected or generated
2.
A USB Reset signal is detected
3.
A device Reset occurs
RTS
RTS
CTS
CTS
I am ready
to receive
I’ll transmit
if okay
I am ready
to receive
I’ll transmit
if okay
MCU
MCP2200
ActualRate
12MHz
int x

------------------
=
Where:
x
12MHz
DesiredBaud
-----------------------------------
=
TABLE 1-3:
UART PRIMARY BAUD
RATES
Desired Rate
Actual rate
% Error
300
300
0.00%
1200
1200
0.00%
2400
2400
0.00%
4800
4800
0.00%
9600
9600
0.00%
19200
19200
0.00%
38400
38339
0.16%
57600
57692
0.16%
115200
115385
0.16%
230400
230769
0.16%
460800
461538
0.16%
921600
923077
0.16%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com