Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4802-E/P Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP4802-E/P
Description  8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4802-E/P Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP4802-E/P Datasheet HTML 31Page - Microchip Technology MCP4802-E/P Datasheet HTML 32Page - Microchip Technology MCP4802-E/P Datasheet HTML 33Page - Microchip Technology MCP4802-E/P Datasheet HTML 34Page - Microchip Technology MCP4802-E/P Datasheet HTML 35Page - Microchip Technology MCP4802-E/P Datasheet HTML 36Page - Microchip Technology MCP4802-E/P Datasheet HTML 37Page - Microchip Technology MCP4802-E/P Datasheet HTML 38Page - Microchip Technology MCP4802-E/P Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
 2010 Microchip Technology Inc.
DS22249A-page 35
MCP4802/4812/4822
8.0
PACKAGING INFORMATION
8.1
Package Marking Information
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
8-Lead SOIC (150 mil)
Example:
XXXXXXXX
XXXXYYWW
NNN
MCP4802
E/P ^ 256
1009
MCP4812E
SN^^ 1009
256
8-Lead MSOP
Example:
XXXXXX
YWWNNN
4822E
009256
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46