Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP73114 Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP73114
Description  Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73114 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP73114 Datasheet HTML 14Page - Microchip Technology MCP73114 Datasheet HTML 15Page - Microchip Technology MCP73114 Datasheet HTML 16Page - Microchip Technology MCP73114 Datasheet HTML 17Page - Microchip Technology MCP73114 Datasheet HTML 18Page - Microchip Technology MCP73114 Datasheet HTML 19Page - Microchip Technology MCP73114 Datasheet HTML 20Page - Microchip Technology MCP73114 Datasheet HTML 21Page - Microchip Technology MCP73114 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
MCP73113/4
DS22183C-page 18
© 2010 Microchip Technology Inc.
5.5
Constant Current MODE - Fast
Charge
During the constant current mode, the programmed
charge current is supplied to the battery or load.
The charge current is established using a single
resistor from PROG to VSS. The program resistor and
the charge current are calculated using the following
equations:
EQUATION 5-1:
EQUATION 5-2:
Table 5-1 provides commonly seen E96 (1%) and E24
(5%) resistors for various charge current to reduce
design time.
TABLE 5-1:
RESISTOR LOOKUP TABLE
Constant current mode is maintained until the voltage
at the VBAT pin reaches the regulation voltage, VREG.
When constant current mode is invoked, the internal
timer is reset.
5.5.1
TIMER EXPIRED DURING
CONSTANT CURRENT - FAST
CHARGE MODE
If the internal timer expires before the recharge voltage
threshold is reached, a timer fault is indicated and the
charge cycle terminates. The MCP73113/4 device
remains in this condition until the battery is removed. If
the battery is removed or input power is cycled, the
MCP73113/4 device enters the Stand-by mode where
it remains until a battery is reinserted.
5.6
Constant Voltage Mode
When the voltage at the VBAT pin reaches the
regulation voltage, VREG, constant voltage regulation
begins. The regulation voltage is factory set to 4.10V,
4.20V, 4.35V or 4.40V with a tolerance of ±0.5%.
5.7
Charge Termination
The charge cycle is terminated when, during constant
voltage mode, the average charge current diminishes
below a threshold established with the value of 5%,
7.5%, 10% or 20% of fast charge current or internal
timer has expired. A 1 ms filter time on the termination
comparator ensures that transient load conditions do
not result in premature charge cycle termination. The
timer period is factory set and can be disabled. Refer to
Section 1.0 “Electrical Characteristics” for timer
period options.
5.8
Automatic Recharge
The MCP73113/4 device continuously monitors the
voltage at the VBAT pin in the charge complete mode. If
the voltage drops below the recharge threshold,
another charge cycle begins and current is once again
supplied to the battery or load. The recharge threshold
is factory set. Refer to
Section 1.0 “Electrical
Characteristics” for recharge threshold options.
For the MCP73113/4 devices with no recharge option,
the MCP73113/4 will go into standby mode when
termination condition is met. The charge will not restart
until the following conditions have been met:
• Battery is removed from the system and inserted
again
•VDD is removed and plugged in again
• RPROG is disconnected (or high impedance) and
reconnected
Charge
Current (mA)
Recommended
E96 Resistor (
Ω)
Recommended
E24 Resistor (
Ω)
130
10k
10k
150
8.45k
8.20k
200
6.20k
6.20k
250
4.99k
5.10k
300
4.02k
3.90k
350
3.40k
3.30k
400
3.00k
3.00k
450
2.61k
2.70k
500
2.32k
2.37k
550
2.10k
2.20k
600
1.91k
2.00k
650
1.78k
1.80k
700
1.62k
1.60k
750
1.50k
1.50k
800
1.40k
1.50k
850
1.33k
1.30k
900
1.24k
1.20k
950
1.18k
1.20k
1000
1.10k
1.10k
1100
1.00k
1.00k
I
REG
1104
R
0.93
–
×
=
Where:
RPROG
=
kilo-ohms (k
Ω)
IREG
=
milliampere (mA)
R
PROG
10
I
REG
1104
------------
⎝⎠
⎛⎞
log
⎝⎠
⎛⎞
0.93
–
()
⁄
=
Where:
RPROG
=
kilo-ohms (k
Ω)
IREG
=
milliampere (mA)
Note:
The MCP73113/4 also offer options with
no automatic recharge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com