Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4912-E/P Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP4912-E/P
Description  8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4912-E/P Datasheet(HTML) 5 Page - Microchip Technology

  MCP4912-E/P Datasheet HTML 1Page - Microchip Technology MCP4912-E/P Datasheet HTML 2Page - Microchip Technology MCP4912-E/P Datasheet HTML 3Page - Microchip Technology MCP4912-E/P Datasheet HTML 4Page - Microchip Technology MCP4912-E/P Datasheet HTML 5Page - Microchip Technology MCP4912-E/P Datasheet HTML 6Page - Microchip Technology MCP4912-E/P Datasheet HTML 7Page - Microchip Technology MCP4912-E/P Datasheet HTML 8Page - Microchip Technology MCP4912-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
 2010 Microchip Technology Inc.
DS22250A-page 5
MCP4902/4912/4922
ELECTRICAL CHARACTERISTIC WITH EXTENDED TEMPERATURE
Electrical Specifications: Unless otherwise indicated, VDD = 5V, VSS = 0V, VREF = 2.048V, Output Buffer Gain (G) = 2x, RL = 5 k to
GND, CL = 100 pF. Typical values are at +125°C by characterization or simulation.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Power Requirements
Operating Voltage
VDD
2.7
—
5.5
V
Operating Current
IDD
—
400
—
µA
VREF input is unbuffered, all digi-
tal inputs are grounded, all analog
outputs (VOUT) are unloaded.
Code=000h
Hardware Shutdown
Current
ISHDN
—
1.5
—
µA
POR circuit is turned-off
Software Shutdown Current ISHDN_SW
—
5
—
µA
POR circuit stays turned-on
Power-On Reset threshold
VPOR
—1.85
—
V
DC Accuracy
MCP4902
Resolution
n
8
—
—
Bits
INL Error
INL
±0.25
LSb
DNL
DNL
±0.2
LSb
Note 1
MCP4912
Resolution
n
10
—
—
Bits
INL Error
INL
±1
LSb
DNL
DNL
±0.2
LSb
Note 1
MCP4922
Resolution
n
12
—
—
Bits
INL Error
INL
±4
LSb
DNL
DNL
±0.25
LSb
Note 1
Offset Error
VOS
—
±0.02
—
% of FSR
Code 0x000h
Offset Error Temperature
Coefficient
VOS/°C
—
-5
—
ppm/°C
+25°C to +125°C
Gain Error
gE
—
-0.10
—
% of FSR
Code = 0xFFFh, not including off-
set error
Gain Error Temperature
Coefficient
G/°C
—
-3
—
ppm/°C
Input Amplifier (VREF Input)
Input Range – Buffered
Mode
VREF
—
0.040 to
VDD – 0.040
—V
Note 1
Code = 2048,
VREF = 0.2V p-p, f = 100 Hz and
1kHz
Input Range – Unbuffered
Mode
VREF
0—
VDD
V
Input Impedance
RVREF
—
174
—
k
Unbuffered mode
Input Capacitance –
Unbuffered Mode
CVREF
—7
—
pF
Note 1:
Guaranteed monotonic by design over all codes.
2:
This parameter is ensured by design, and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com