| Electronic Components Datasheet Search |
|
24LC32AX-I/CS16K Datasheet(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24LC32AX-I/CS16K Datasheet(HTML) 2 Page - Microchip Technology |
|
2 / 42 page ![]() 24AA32A/24LC32A DS21713L-page 2 2010 Microchip Technology Inc. 1.0 ELECTRICAL CHARACTERISTICS Absolute Maximum Ratings (†) VCC.............................................................................................................................................................................6.5V All inputs and outputs w.r.t. VSS ......................................................................................................... -0.3V to VCC +1.0V Storage temperature ...............................................................................................................................-65°C to +150°C Ambient temperature with power applied................................................................................................-40°C to +125°C ESD protection on all pins 4 kV TABLE 1-1: DC CHARACTERISTICS † NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. DC CHARACTERISTICS Industrial (I): TA = -40°C to +85°C, VCC = +1.7V to +5.5V Automotive (E): TA = -40°C to +125°C, VCC = +2.5V to +5.5V Param. No. Symbol Characteristic Min. Typ. Max. Units Conditions D1 — A0, A1, A2, WP, SCL and SDA pins — —— — — D2 VIH High-level input voltage 0.7 VCC —— V — D3 VIL Low-level input voltage — — 0.3 VCC 0.2 VCC V V VCC 2.5V VCC < 2.5V D4 VHYS Hysteresis of Schmitt Trigger inputs (SDA, SCL pins) 0.05 VCC —— V VCC 2.5V (Note 1) D5 VOL Low-level output voltage — — 0.40 V IOL = 3.0 mA, VCC = 4.5V IOL = 2.1 mA, Vcc = 2.5V D6 ILI Input leakage current —— ±1 AVIN = VSS or VCC D7 ILO Output leakage current —— ±1 AVOUT = VSS or VCC D8 CIN, COUT Pin capacitance (all inputs/outputs) —— 10 pF VCC = 5.0V (Note 1) TA = 25°C, FCLK = 1 MHz D9 ICC write Operating current —0.1 3 mA VCC = 5.5V, SCL = 400 kHz D10 ICC read — 0.05 400 A D11 ICCS Standby current — — 0.01 — 1 5 A A Industrial Automotive SDA = SCL = VCC = 5.5V A0, A1, A2, WP = VSS Note 1: This parameter is periodically sampled and not 100% tested. 2: Typical measurements taken at room temperature. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |