Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4922T-E/ST Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP4922T-E/ST
Description  8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4922T-E/ST Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP4922T-E/ST Datasheet HTML 7Page - Microchip Technology MCP4922T-E/ST Datasheet HTML 8Page - Microchip Technology MCP4922T-E/ST Datasheet HTML 9Page - Microchip Technology MCP4922T-E/ST Datasheet HTML 10Page - Microchip Technology MCP4922T-E/ST Datasheet HTML 11Page - Microchip Technology MCP4922T-E/ST Datasheet HTML 12Page - Microchip Technology MCP4922T-E/ST Datasheet HTML 13Page - Microchip Technology MCP4922T-E/ST Datasheet HTML 14Page - Microchip Technology MCP4922T-E/ST Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
 2010 Microchip Technology Inc.
DS22250A-page 11
MCP4902/4912/4922
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V, VREF = 2.048V, Gain = 2x, RL = 5 k, CL = 100 pF.
FIGURE 2-13:
DNL vs. Code and
Temperature (MCP4902).
FIGURE 2-14:
INL vs. Code and
Temperature (MCP4902).
FIGURE 2-15:
IDD vs. Temperature and
VDD.
FIGURE 2-16:
IDD Histogram (VDD = 2.7V).
FIGURE 2-17:
IDD Histogram (VDD =
5.0V).
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0
32
64
96
128 160 192 224 256
Code
Temp = -40oC to +125oC
-0.5
-0.25
0
0.25
0.5
0
326496
128
160
192
224 256
Code
125
oC
-40
oC to +85oC
200
250
300
350
400
-40 -20
0
20
40
60
80
100 120
Ambient Temperature (ºC)
VDD
5.5V
4.0V
5.0V
3.0V
2.7V
0
2
4
6
8
10
12
14
16
18
20
IDD (μA)
0
2
4
6
8
10
12
14
16
IDD (μA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com