| Electronic Components Datasheet Search |
|
PIC18F23K20 Datasheet(PDF) 125 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K20 Datasheet(HTML) 125 Page - Microchip Technology |
|
125 / 456 page ![]() 2010 Microchip Technology Inc. DS41303G-page 125 PIC18F2XK20/4XK20 TABLE 10-3: PORTB I/O SUMMARY Pin Function TRIS Setting I/O I/O Type Description RB0/INT0/FLT0/ AN12 RB0 0 O DIG LATB<0> data output; not affected by analog input. 1 I TTL PORTB<0> data input; Programmable weak pull-up. Disabled when analog input enabled.(1) INT0 1 I ST External interrupt 0 input. FLT0 1 I ST Enhanced PWM Fault input (ECCP1 module); enabled by software. AN12 1 I ANA A/D input channel 12.(1) RB1/INT1/AN10/ C12IN3-/P1C RB1 0 O DIG LATB<1> data output; not affected by analog input. 1 I TTL PORTB<1> data input; Programmable weak pull-up. Disabled when analog input enabled.(1) INT1 1 I ST External Interrupt 1 input. AN10 1 I ANA ADC input channel 10.(1) C12IN3- 1 I ANA Comparators C1 and C2 inverting input, channel 3. Analog select is shared with ADC. P1C 0 O DIG ECCP PWM output (28-pin devices only). RB2/INT2/AN8/ P1B RB2 0 O DIG LATB<2> data output; not affected by analog input. 1 I TTL PORTB<2> data input; Programmable weak pull-up. Disabled when analog input enabled.(1) INT2 1 I ST External interrupt 2 input. AN8 1 I ANA ADC input channel 8.(1) P1B 0 O DIG ECCP PWM output (28-pin devices only). RB3/AN9/C12IN2-/ CCP2 RB3 0 O DIG LATB<3> data output; not affected by analog input. 1 I TTL PORTB<3> data input; Programmable weak pull-up. Disabled when analog input enabled.(1) AN9 1 I ANA ADC input channel 9.(1) C12IN2- 1 I ANA Comparators C1 and C2 inverting input, channel 2. Analog select is shared with ADC. CCP2(2) 0 O DIG CCP2 compare and PWM output. 1 I ST CCP2 capture input RB4/KBI0/AN11/ P1D RB4 0 O DIG LATB<4> data output; not affected by analog input. 1 I TTL PORTB<4> data input; Programmable weak pull-up. Disabled when analog input enabled.(1) KBI0 1 I TTL Interrupt-on-pin change. AN11 1 I ANA ADC input channel 11.(1) P1D 0 O DIG ECCP PWM output (28-pin devices only). RB5/KBI1/PGM RB5 0 O DIG LATB<5> data output. 1 I TTL PORTB<5> data input; Programmable weak pull-up. KBI1 1 I TTL Interrupt-on-pin change. PGM x I ST Single-Supply Programming mode entry (ICSP™). Enabled by LVP Configuration bit; all other pin functions disabled. Legend: DIG = Digital level output; TTL = TTL input buffer; ST = Schmitt Trigger input buffer; ANA = Analog level input/output; x = Don’t care (TRIS bit does not affect port direction or is overridden for this option). Note 1: Configuration on POR is determined by the PBADEN Configuration bit. Pins are configured as analog inputs by default when PBADEN is set and digital inputs when PBADEN is cleared. 2: Alternate assignment for CCP2 when the CCP2MX Configuration bit is ‘0’. Default assignment is RC1. 3: All other pin functions are disabled when ICSP or ICD are enabled. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |