| Electronic Components Datasheet Search |
|
PIC18F23K20 Datasheet(PDF) 127 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K20 Datasheet(HTML) 127 Page - Microchip Technology |
|
127 / 456 page ![]() 2010 Microchip Technology Inc. DS41303G-page 127 PIC18F2XK20/4XK20 10.4 PORTC, TRISC and LATC Registers PORTC is an 8-bit wide, bidirectional port. The corre- sponding data direction register is TRISC. Setting a TRISC bit (= 1) will make the corresponding PORTC pin an input (i.e., disable the output driver). Clearing a TRISC bit (= 0) will make the corresponding PORTC pin an output (i.e., enable the output driver and put the contents of the output latch on the selected pin). The Data Latch register (LATC) is also memory mapped. Read-modify-write operations on the LATC register read and write the latched output value for PORTC. PORTC is multiplexed with several peripheral functions (Table 10-5). The pins have Schmitt Trigger input buf- fers. RC1 is the default configuration for the CCP2 peripheral pin. The CCP2 function can be relocated to the RB3 pin by clearing the CCP2MX bit of Configura- tion Word CONFIG3H. The default state of the CCP2MX Configuration bit is ‘1’. When enabling peripheral functions, care should be taken in defining TRIS bits for each PORTC pin. The EUSART and MSSP peripherals override the TRIS bit to make a pin an output or an input, depending on the peripheral configuration. Refer to the corresponding peripheral section for additional information. The contents of the TRISC register are affected by peripheral overrides. Reading TRISC always returns the current contents, even though a peripheral device may be overriding one or more of the pins. EXAMPLE 10-3: INITIALIZING PORTC Note: On a Power-on Reset, these pins are con- figured as digital inputs. CLRF PORTC ; Initialize PORTC by ; clearing output ; data latches CLRF LATC ; Alternate method ; to clear output ; data latches MOVLW 0CFh ; Value used to ; initialize data ; direction MOVWF TRISC ; Set RC<3:0> as inputs ; RC<5:4> as outputs ; RC<7:6> as inputs |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |