| Electronic Components Datasheet Search |
|
PIC18F23K20 Datasheet(PDF) 130 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K20 Datasheet(HTML) 130 Page - Microchip Technology |
|
130 / 456 page ![]() PIC18F2XK20/4XK20 DS41303G-page 130 2010 Microchip Technology Inc. 10.5 PORTD, TRISD and LATD Registers PORTD is an 8-bit wide, bidirectional port. The corre- sponding data direction register is TRISD. Setting a TRISD bit (= 1) will make the corresponding PORTD pin an input (i.e., disable the output driver). Clearing a TRISD bit (= 0) will make the corresponding PORTD pin an output (i.e., enable the output driver and put the contents of the output latch on the selected pin). The Data Latch register (LATD) is also memory mapped. Read-modify-write operations on the LATD register read and write the latched output value for PORTD. All pins on PORTD are implemented with Schmitt Trig- ger input buffers. Each pin is individually configurable as an input or output. Three of the PORTD pins are multiplexed with outputs P1B, P1C and P1D of the enhanced CCP module. The operation of these additional PWM output pins is covered in greater detail in Section 16.0 “Enhanced Capture/Compare/PWM (ECCP) Module”. PORTD can also be configured as an 8-bit wide micro- processor port (Parallel Slave Port) by setting control bit, PSPMODE (TRISE<4>). In this mode, the input buffers are TTL. See Section 10.9 “Parallel Slave Port” for additional information on the Parallel Slave Port (PSP). EXAMPLE 10-4: INITIALIZING PORTD Note: PORTD is only available on 40/44-pin devices. Note: On a Power-on Reset, these pins are configured as digital inputs. Note: When the enhanced PWM mode is used with either dual or quad outputs, the PSP functions of PORTD are automatically disabled. CLRF PORTD ; Initialize PORTD by ; clearing output ; data latches CLRF LATD ; Alternate method ; to clear output ; data latches MOVLW 0CFh ; Value used to ; initialize data ; direction MOVWF TRISD ; Set RD<3:0> as inputs ; RD<5:4> as outputs ; RD<7:6> as inputs |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |