| Electronic Components Datasheet Search |
|
PIC16F722AT-I/SS Datasheet(PDF) 37 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F722AT-I/SS Datasheet(HTML) 37 Page - Microchip Technology |
|
37 / 284 page ![]() 2010 Microchip Technology Inc. DS41417A-page 37 PIC16F/LF722A/723A 4.0 INTERRUPTS The PIC16F/LF722A/723A device family features an interruptible core, allowing certain events to preempt normal program flow. An Interrupt Service Routine (ISR) is used to determine the source of the interrupt and act accordingly. Some interrupts can be configured to wake the MCU from Sleep mode. The PIC16F/LF722A/723A device family has 12 interrupt sources, differentiated by corresponding interrupt enable and flag bits: • Timer0 Overflow Interrupt • External Edge Detect on INT Pin Interrupt • PORTB Change Interrupt • Timer1 Gate Interrupt • A/D Conversion Complete Interrupt • AUSART Receive Interrupt • AUSART Transmit Interrupt • SSP Event Interrupt • CCP1 Event Interrupt • Timer2 Match with PR2 Interrupt • Timer1 Overflow Interrupt • CCP2 Event Interrupt A block diagram of the interrupt logic is shown in Figure 4-1. FIGURE 4-1: INTERRUPT LOGIC T0IF T0IE INTF INTE RBIF RBIE GIE PEIE Wake-up (If in Sleep mode)(1) Interrupt to CPU TMR1GIE TMR1GIF ADIF ADIE IOC-RB0 IOCB0 IOC-RB1 IOCB1 IOC-RB2 IOCB2 IOC-RB3 IOCB3 CCP1IF CCP1IE IOC-RB4 IOCB4 IOC-RB5 IOCB5 IOC-RB6 IOCB6 IOC-RB7 IOCB7 RCIF RCIE TMR2IE TMR2IF SSPIE SSPIF TXIE TXIF TMR1IE TMR1IF Note 1: Some peripherals depend upon the system clock for operation. Since the system clock is suspended during Sleep, these peripherals will not wake the part from Sleep. See Section 19.1 “Wake-up from Sleep”. CCP2IF CCP2IE |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |