Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F23K20-I/ML Datasheet(PDF) 79 Page - Microchip Technology

Part # PIC18F23K20-I/ML
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-I/ML Datasheet(HTML) 79 Page - Microchip Technology

Back Button PIC18F23K20-I/ML Datasheet HTML 75Page - Microchip Technology PIC18F23K20-I/ML Datasheet HTML 76Page - Microchip Technology PIC18F23K20-I/ML Datasheet HTML 77Page - Microchip Technology PIC18F23K20-I/ML Datasheet HTML 78Page - Microchip Technology PIC18F23K20-I/ML Datasheet HTML 79Page - Microchip Technology PIC18F23K20-I/ML Datasheet HTML 80Page - Microchip Technology PIC18F23K20-I/ML Datasheet HTML 81Page - Microchip Technology PIC18F23K20-I/ML Datasheet HTML 82Page - Microchip Technology PIC18F23K20-I/ML Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 456 page
background image
 2010 Microchip Technology Inc.
DS41303G-page 79
PIC18F2XK20/4XK20
TABLE 5-2:
REGISTER FILE SUMMARY (PIC18F2XK20/4XK20)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details
on page:
TOSU
—
—
—
Top-of-Stack Upper Byte (TOS<20:16>)
---0 0000
59, 66
TOSH
Top-of-Stack, High Byte (TOS<15:8>)
0000 0000
59, 66
TOSL
Top-of-Stack, Low Byte (TOS<7:0>)
0000 0000
59, 66
STKPTR
STKFUL
STKUNF
—
SP4
SP3
SP2
SP1
SP0
00-0 0000
59, 67
PCLATU
—
—
—
Holding Register for PC<20:16>
---0 0000
59, 66
PCLATH
Holding Register for PC<15:8>
0000 0000
59, 66
PCL
PC, Low Byte (PC<7:0>)
0000 0000
59, 66
TBLPTRU
—
—
bit 21
Program Memory Table Pointer Upper Byte (TBLPTR<20:16>)
--00 0000
59, 92
TBLPTRH
Program Memory Table Pointer, High Byte (TBLPTR<15:8>)
0000 0000
59, 92
TBLPTRL
Program Memory Table Pointer, Low Byte (TBLPTR<7:0>)
0000 0000
59, 92
TABLAT
Program Memory Table Latch
0000 0000
59, 92
PRODH
Product Register, High Byte
xxxx xxxx
59, 105
PRODL
Product Register, Low Byte
xxxx xxxx
59, 105
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 000x
59, 109
INTCON2
RBPU
INTEDG0
INTEDG1
INTEDG2
—TMR0IP
—RBIP
1111 -1-1
59, 110
INTCON3
INT2IP
INT1IP
—INT2IE
INT1IE
—
INT2IF
INT1IF
11-0 0-00
59, 111
INDF0
Uses contents of FSR0 to address data memory – value of FSR0 not changed (not a physical register)
N/A
59, 84
POSTINC0
Uses contents of FSR0 to address data memory – value of FSR0 post-incremented (not a physical register)
N/A
59, 84
POSTDEC0
Uses contents of FSR0 to address data memory – value of FSR0 post-decremented (not a physical register)
N/A
59, 84
PREINC0
Uses contents of FSR0 to address data memory – value of FSR0 pre-incremented (not a physical register)
N/A
59, 84
PLUSW0
Uses contents of FSR0 to address data memory – value of FSR0 offset by W (not a physical register) –
N/A
59, 84
FSR0H
—
—
—
—
Indirect Data Memory Address Pointer 0, High Byte
---- 0000
59, 84
FSR0L
Indirect Data Memory Address Pointer 0, Low Byte
xxxx xxxx
59, 84
WREG
Working Register
xxxx xxxx
59
INDF1
Uses contents of FSR1 to address data memory – value of FSR1 not changed (not a physical register)
N/A
59, 84
POSTINC1
Uses contents of FSR1 to address data memory – value of FSR1 post-incremented (not a physical register)
N/A
59, 84
POSTDEC1
Uses contents of FSR1 to address data memory – value of FSR1 post-decremented (not a physical register)
N/A
59, 84
PREINC1
Uses contents of FSR1 to address data memory – value of FSR1 pre-incremented (not a physical register)
N/A
59, 84
PLUSW1
Uses contents of FSR1 to address data memory – value of FSR1 offset by W (not a physical register) – value of
N/A
59, 84
FSR1H
—
—
—
—
Indirect Data Memory Address Pointer 1, High Byte
---- 0000
60, 84
FSR1L
Indirect Data Memory Address Pointer 1, Low Byte
xxxx xxxx
60, 84
BSR
—
—
—
—
Bank Select Register
---- 0000
60, 71
INDF2
Uses contents of FSR2 to address data memory – value of FSR2 not changed (not a physical register)
N/A
60, 84
POSTINC2
Uses contents of FSR2 to address data memory – value of FSR2 post-incremented (not a physical register)
N/A
60, 84
POSTDEC2
Uses contents of FSR2 to address data memory – value of FSR2 post-decremented (not a physical register)
N/A
60, 84
PREINC2
Uses contents of FSR2 to address data memory – value of FSR2 pre-incremented (not a physical register)
N/A
60, 84
PLUSW2
Uses contents of FSR2 to address data memory – value of FSR2 offset by W (not a physical register) – value of
N/A
60, 84
FSR2H
—
—
—
—
Indirect Data Memory Address Pointer 2, High Byte
---- 0000
60, 84
FSR2L
Indirect Data Memory Address Pointer 2, Low Byte
xxxx xxxx
60, 84
STATUS
—
—
—N
OV
Z
DC
C
---x xxxx
60, 82
Legend:
x
= unknown, u = unchanged, — = unimplemented, q = value depends on condition
Note
1:
The SBOREN bit is only available when the BOREN<1:0> Configuration bits = 01; otherwise it is disabled and reads as ‘0’. See
Section 4.4 “Brown-out Reset (BOR)”.
2:
These registers and/or bits are not implemented on 28-pin devices and are read as ‘0’. Reset values are shown for 40/44-pin devices;
individual unimplemented bits should be interpreted as ‘-’.
3:
The PLLEN bit is only available in specific oscillator configuration; otherwise it is disabled and reads as ‘0’. See Section 2.6.2 “PLL in
HFINTOSC Modes”.
4:
The RE3 bit is only available when Master Clear Reset is disabled (MCLRE Configuration bit = 0). Otherwise, RE3 reads as ‘0’. This bit is
read-only.
5:
RA6/RA7 and their associated latch and direction bits are individually configured as port pins based on various primary oscillator modes.
When disabled, these bits read as ‘0’.
6:
All bits of the ANSELH register initialize to ‘0’ if the PBADEN bit of CONFIG3H is ‘0’.
7:
This register is only implemented in the PIC18F46K20 and PIC18F26K20 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com