Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC8113 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPC8113
Description  Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8113 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPC8113 Datasheet HTML 1Page - Toshiba Semiconductor TPC8113 Datasheet HTML 2Page - Toshiba Semiconductor TPC8113 Datasheet HTML 3Page - Toshiba Semiconductor TPC8113 Datasheet HTML 4Page - Toshiba Semiconductor TPC8113 Datasheet HTML 5Page - Toshiba Semiconductor TPC8113 Datasheet HTML 6Page - Toshiba Semiconductor TPC8113 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TPC8113
2006-11-15
5
Ambient temperature Ta (°C)
RDS (ON) – Ta
Drain-source voltage VDS (V)
IDR – VDS
Drain-source voltage VDS (V)
Capacitance – VDS
Ambient temperature Ta (°C)
Vth – Ta
Ambient temperature Ta (°C)
PD – Ta
Total gate charge Qg (nC)
Dynamic Input/Output Characteristics
0
−0.1
−1
−10
−100
0.2
0.4
0.6
0.8
1
−10
Common source
Ta
= 25°C
Pulse test
−5
−3
−1
VGS = 0 V
−1.5
0
−80
−40
0
40
120
160
80
−0.5
−1
−2
−2.5
Common source
VDS = −10 V
ID = −1 mA
Pulse test
100
150
175
0
0.8
1.2
1.6
2.0
0.4
0
50
(1) Device mounted on a
glass-epoxy board (a)
(Note 2a)
(2) Device mounted on a
glass-epoxy board (b)
(Note 2b)
t
= 10 s
(1)
(2)
25
75
125
15
0
−80
−40
0
40
120
160
80
5
10
20
25
VGS = −4.5 V
Common source
Pulse test
−10
ID = −11 A, −5.5 A, −2.5 A
ID = −11 A, −5.5 A, −2.5 A
100
−0.1
−1
−10
1000
10000
Coss
Ciss
Common source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
Crss
30000
50000
3000
5000
300
500
−100
−0.3
−3
−30
−12
−8
0
−4
−10
−6
−2
0
−10
−20
−30
0
20
40
60
80
Common source
ID = −11 A
Ta
= 25°C
Pulse test
VDD = −24 V
VDS
VGS
−6
−12
140
VDD = −24 V
−12
−6
−5
−15
−25
100
120



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com