Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F72X Datasheet(PDF) 15 Page - Microchip Technology

Part # PIC16F72X
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F72X Datasheet(HTML) 15 Page - Microchip Technology

Back Button PIC16F72X Datasheet HTML 11Page - Microchip Technology PIC16F72X Datasheet HTML 12Page - Microchip Technology PIC16F72X Datasheet HTML 13Page - Microchip Technology PIC16F72X Datasheet HTML 14Page - Microchip Technology PIC16F72X Datasheet HTML 15Page - Microchip Technology PIC16F72X Datasheet HTML 16Page - Microchip Technology PIC16F72X Datasheet HTML 17Page - Microchip Technology PIC16F72X Datasheet HTML 18Page - Microchip Technology PIC16F72X Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 302 page
background image
© 2009 Microchip Technology Inc.
DS41341E-page 15
PIC16F72X/PIC16LF72X
FIGURE 1-2:
PIC16F724/727/PIC16LF724/727 BLOCK DIAGRAM
13
Data Bus
8
14
Program
Bus
Instruction reg
Program Counter
8 Level Stack
(13-bit)
Direct Addr
7
RAM Addr
9
Addr MUX
Indirect
Addr
FSR reg
STATUS reg
MUX
ALU
Instruction
Decode &
Control
Timing
Generation
OSC1/CLKIN
OSC2/CLKOUT
PORTA
PORTB
PORTC
PORTD
PORTE
RA4
RA5
RC0
RC1
RC2
RC3
RC4
RC5
RC6
RC7
RE0
RE1
RE2
8
8
AUSART
Timer0
Timer1
Timer2
RA3
RA1
RA0
8
3
RA6
RA7
RD0
RD1
RD2
RD3
RD4
RD5
RD6
RD7
RB0
RB1
RB2
RB3
RB4
RB5
RB7
AN6
AN0 AN1 AN2 AN3 AN4 AN5
AN7
Synchronous
SDA SCL
SS
SDO
Serial Port
SDI/ SCK/
TX/CK RX/DT
Internal
Oscillator
Block
Configuration
13
Data Bus
8
14
Program
Bus
Instruction reg
Program Counter
8 Level Stack
(13-bit)
Direct Addr
7
RAM Addr
Addr MUX
Indirect
Addr
FSR reg
STATUS reg
MUX
ALU
W Reg
Instruction
Decode &
Control
Timing
Generation
PORTB
PORTC
PORTD
PORTE
RC1
8
8
AUSART
Timer0
Timer1
Timer2
8
3
Synchronous
SDA SCL
SS
SDO
Serial Port
SDI/ SCK/
Internal
Oscillator
Block
Configuration
13
Data Bus
8
14
Program
Bus
Instruction Reg
Program Counter
8 Level Stack
(13-bit)
Direct Addr
7
RAM Addr
Addr MUX
Indirect
Addr
FSR Reg
STATUS Reg
MUX
ALU
Instruction
Decode and
Control
Timing
Generation
PORTB
PORTC
PORTD
PORTE
RC1
8
8
AUSART
Timer0
Timer1
Timer2
8
3
Analog-To-Digital Converter
RB6
Synchronous
SDA SCL
SS
SDO
Serial Port
SDI/ SCK/
Internal
Oscillator
Block
Configuration
RE3
CCP2
CCP2
CCP1
CCP1
VREF
RA2
AN9
AN8
AN10 AN11 AN12 AN13
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
MCLR VDD
Brown-out
Reset
VSS
T0CKI
T1G
T1CKI
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
MCLR VDD
Brown-out
Reset
VSS
T0CKI
T1CKI
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
MCLR VDD
Brown-out
Reset
VSS
T0CKI
T1CKI
Timer1
32 kHz
Oscillator
T1OSI
T1OSO
LDO(1)
Regulator
Note
1:
PIC16F724/727 only.
Capacitive Sensing Module
CPS6
CPS0 CPS1 CPS2 CPS3 CPS4
CPS7 CPS8 CPS9 CPS10 CPS11 CPS12 CPS13 CPS14 CPS15
CPS5
Flash
Program
Memory
RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com