Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DVA1004 Datasheet(PDF) 1 Page - Microchip Technology

Part # DVA1004
Description  Processor Module and Device Adapter Specification
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DVA1004 Datasheet(HTML) 1 Page - Microchip Technology

  DVA1004 Datasheet HTML 1Page - Microchip Technology DVA1004 Datasheet HTML 2Page - Microchip Technology DVA1004 Datasheet HTML 3Page - Microchip Technology DVA1004 Datasheet HTML 4Page - Microchip Technology DVA1004 Datasheet HTML 5Page - Microchip Technology DVA1004 Datasheet HTML 6Page - Microchip Technology DVA1004 Datasheet HTML 7Page - Microchip Technology DVA1004 Datasheet HTML 8Page - Microchip Technology DVA1004 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© 2006 Microchip Technology Inc.
DS51140M-page 1
CONTENTS
1.0 Introduction ......................................................... 1
2.0 MPLAB ICE 2000 System................................... 1
3.0 Emulator-Related Issues .................................... 2
4.0 Processor Modules ............................................. 2
5.0 Device Adapter Issues........................................ 4
6.0 Device Adapter Target Footprints ..................... 10
1.0
INTRODUCTION
The processor modules for MPLAB ICE 2000 are
interchangeable personality modules that allow
MPLAB ICE 2000 to be reconfigured for emulation of
different PICmicro® microcontrollers (MCUs). This
modularity allows the emulation of many different
devices with the addition of a processor module and
device adapter, which provides a very cost effective
multiprocessor emulation system.
The device adapters for MPLAB ICE 2000 are inter-
changeable assemblies that allow the emulator system
to interface to a target application system. Device
adapters also have control logic that allows the target
application to provide a clock source and power to the
processor module. The device adapters support
PICmicro MCUs in DIP, SDIP and PLCC packages.
Transition sockets, used along with a device adapter,
provide a method of accommodating all PICmicro MCU
packages, including SOIC, SSOP, PQFP and TQFP
packages.
2.0
MPLAB ICE 2000 SYSTEM
A brief overview of the different components of the
system is shown in the figure below. Each component
is discussed in the following subsections.
FIGURE 2-1:
MPLAB® ICE 2000
EMULATOR SYSTEM
2.1
Host to Pod Cable
This is a standard parallel interface cable. MPLAB ICE
2000 is tested with a 6-foot cable. A longer cable may
work, but is not ensured. The cable connects to a par-
allel port on the PC. If a PC has a printer connected to
an LPT device, it is recommended that an additional
interface card be installed, rather than using a splitter
or an A/B switch.
2.2
Emulator Pod
The Emulator Pod contains emulator memory and
control logic. MPLAB ICE 2000 contains a main board
and an additional board for expanded trace memory
and complex control logic. There are no field service-
able parts in the pod. For more information on the pod,
see the MPLAB ICE 2000 on-line help file in MPLAB
IDE (Help>Topics) or the “MPLAB® ICE 2000
In-Circuit Emulator User’s Guide” (DS51488).
The MPLAB ICE 2000 processor module is inserted
into the pod for operation.
2.3
Processor Module
The processor module contains the emulator chip, logic
and low-voltage circuitry. There are no field-serviceable
parts mounted on the printed circuit board housed
within the processor module enclosure.
Communications Cable
Power Supply
Cable
Emulator Pod
Processor Module
with Cable
Logic Probe
Connector
Device Adapter
Transition Socket
Processor Module and Device Adapter Specification
MPLAB® ICE 2000


Similar Part No. - DVA1004

ManufacturerPart #DatasheetDescription
logo
Synology Inc.
DVA1622 SYNOLOGY-DVA1622 Datasheet
1Mb / 7P
Deep Learning NVR
More results

Similar Description - DVA1004

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM057QCTT03 SHARP-LM057QCTT03 Datasheet
1Mb / 25P
DEVICE SPECIFICATION for Passive Matrix LCD Module
LM10V335 SHARP-LM10V335 Datasheet
896Kb / 29P
DEVICE SPECIFICATION for Passive Matrix Color LCD Module
LM3201921 SHARP-LM3201921 Datasheet
1Mb / 26P
DEVICE SPECIFICATION for Passive Matrix LCD Module
LQ084V2DS01 SHARP-LQ084V2DS01 Datasheet
1,023Kb / 16P
DEVICE SPECIFICATION FOR TFT-LCD Module
LQ9D161 SHARP-LQ9D161 Datasheet
1,018Kb / 20P
DEVICE SPECIFICATION FOR TFT-LCD module
PC3Q67 SHARP-PC3Q67 Datasheet
580Kb / 13P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
logo
List of Unclassifed Man...
TM122ADCW6 ETC1-TM122ADCW6 Datasheet
761Kb / 16P
DEVICE SPECIFICATION FOR LCD MODULE
logo
Sharp Corporation
LQ035Q7DH02F SHARP-LQ035Q7DH02F Datasheet
427Kb / 24P
DEVICE SPECIFICATION FOR TFT-LCD MODULE
logo
Intel Corporation
LUPXA255A0E400 INTEL-LUPXA255A0E400 Datasheet
1Mb / 40P
Intel짰 PXA255 Processor Electrical, Mechanical, and Thermal Specification
logo
Silicom Ltd.
M1ESC62 SILICOM-M1ESC62 Datasheet
328Kb / 4P
Protocol Processor ExpressModule Server Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com