Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24F16KA102 Datasheet(PDF) 192 Page - Microchip Technology

Part # PIC24F16KA102
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102 Datasheet(HTML) 192 Page - Microchip Technology

Back Button PIC24F16KA102 Datasheet HTML 188Page - Microchip Technology PIC24F16KA102 Datasheet HTML 189Page - Microchip Technology PIC24F16KA102 Datasheet HTML 190Page - Microchip Technology PIC24F16KA102 Datasheet HTML 191Page - Microchip Technology PIC24F16KA102 Datasheet HTML 192Page - Microchip Technology PIC24F16KA102 Datasheet HTML 193Page - Microchip Technology PIC24F16KA102 Datasheet HTML 194Page - Microchip Technology PIC24F16KA102 Datasheet HTML 195Page - Microchip Technology PIC24F16KA102 Datasheet HTML 196Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 254 page
background image
PIC24F16KA102 FAMILY
DS39927B-page 190
Preliminary
© 2009 Microchip Technology Inc.
REGISTER 26-2:
FGS: GENERAL SEGMENT CONFIGURATION REGISTER
REGISTER 26-3:
FOSCSEL: OSCILLATOR SELECTION CONFIGURATION REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
R/C-1
R/C-1
—
—
—
—
—
—
GSS0
GWRP
bit 7
bit 0
Legend:
R = Readable bit
C = Clearable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-2
Unimplemented:
Read as ‘0’
bit 1
GSS0:
General Segment Code Flash Code Protection bit
1
= No protection
0
= Standard security enabled
bit 0
GWRP
: General Segment Code Flash Write Protection bit
1
= General segment may be written
0
= General segment is write-protected
R/P-1
U-0
U-0
U-0
U-0
R/P-1
R/P-1
R/P-1
IESO
—
—
—
—
FNOSC2
FNOSC1
FNOSC0
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
IESO:
Internal External Switchover bit
1
= Internal External Switchover mode enabled (Two-Speed Start-up enabled)
0
= Internal External Switchover mode disabled (Two-Speed Start-up disabled)
bit 6-3
Unimplemented:
Read as ‘0’
bit 2-0
FNOSC<2:0>:
Oscillator Selection bits
000
= Fast RC oscillator (FRC)
001
= Fast RC oscillator with divide-by-N with PLL module (FRCDIV+PLL)
010
= Primary oscillator (XT, HS, EC)
011
= Primary oscillator with PLL module (HS+PLL, EC+PLL)
100
= Secondary oscillator (SOSC)
101
= Low-Power RC oscillator (LPRC)
110
= 500 kHz Low-Power FRC oscillator with divide-by-N (LPFRCDIV)
111
= 8 MHz FRC oscillator with divide-by-N (FRCDIV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com