Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24F16KA102 Datasheet(PDF) 195 Page - Microchip Technology

Part # PIC24F16KA102
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102 Datasheet(HTML) 195 Page - Microchip Technology

Back Button PIC24F16KA102 Datasheet HTML 191Page - Microchip Technology PIC24F16KA102 Datasheet HTML 192Page - Microchip Technology PIC24F16KA102 Datasheet HTML 193Page - Microchip Technology PIC24F16KA102 Datasheet HTML 194Page - Microchip Technology PIC24F16KA102 Datasheet HTML 195Page - Microchip Technology PIC24F16KA102 Datasheet HTML 196Page - Microchip Technology PIC24F16KA102 Datasheet HTML 197Page - Microchip Technology PIC24F16KA102 Datasheet HTML 198Page - Microchip Technology PIC24F16KA102 Datasheet HTML 199Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 254 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39927B-page 193
PIC24F16KA102 FAMILY
REGISTER 26-6:
FPOR: RESET CONFIGURATION REGISTER
REGISTER 26-7:
FICD: IN-CIRCUIT DEBUGGER CONFIGURATION REGISTER
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
U-0
R/P-1
R/P-1
MCLRE(2)
BORV1(3)
BORV0(3)
I2C1SEL(1)
PWRTEN
—
BOREN1
BOREN0
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
MCLRE:
MCLR Pin Enable bit(2)
1
= MCLR pin enabled; RA5 input pin disabled
0
= RA5 input pin enabled; MCLR disabled
bit 6-5
BORV<1:0>:
Brown-out Reset Enable bits(3)
11
= Brown-out Reset set to lowest voltage
10
= Brown-out Reset
01
= Brown-out Reset set to highest voltage
00
= Low-power Brown-out Reset occurs around 2.0V
bit 4
I2C1SEL:
Alternate I2C1 Pin Mapping bit(1)
0
= Alternate location for SCL1/SDA1 pins
1
= Default location for SCL1/SDA1 pins
bit 3
PWRTEN:
Power-up Timer Enable bit
0
= PWRT disabled
1
= PWRT enabled
bit 2
Unimplemented:
Read as ‘0’
bit 1-0
BOREN<1:0>:
Brown-out Reset Enable bits
11
= Brown-out Reset enabled in hardware; SBOREN bit disabled
10
= Brown-out Reset enabled only while device is active and disabled in Sleep; SBOREN bit disabled
01
= Brown-out Reset controlled with the SBOREN bit setting
00
= Brown-out Reset disabled in hardware; SBOREN bit disabled
Note 1:
Applies only to 28-pin devices.
2:
The MCLRE fuse can only be changed when using the VPP-Based ICSP™ mode entry. This prevents a
user from accidentally locking out the device from the low-voltage test entry.
3:
Refer to the electrical specifications for BOR voltages.
R/P-1
U-0
U-0
U-0
U-0
U-0
R/P-1
R/P-1
DEBUG
—
—
—
—
—
FICD1
FICD0
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
DEBUG:
Background Debugger Enable bit
1
= Background debugger disabled
0
= Background debugger functions enabled
bit 6-2
Unimplemented:
Read as ‘0’
bit 1-0
FICD<1:0:>
ICD Pin Select bits
11
= PGC1/PGD1 are used for programming and debugging the device
10
= PGC2/PGD2 are used for programming and debugging the device
01
= PGC3/PGD3 are used for programming and debugging the device
00
= Reserved; do not use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com