Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F722-E/PT Datasheet(PDF) 73 Page - Microchip Technology

Part # PIC16F722-E/PT
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-E/PT Datasheet(HTML) 73 Page - Microchip Technology

Back Button PIC16F722-E/PT Datasheet HTML 69Page - Microchip Technology PIC16F722-E/PT Datasheet HTML 70Page - Microchip Technology PIC16F722-E/PT Datasheet HTML 71Page - Microchip Technology PIC16F722-E/PT Datasheet HTML 72Page - Microchip Technology PIC16F722-E/PT Datasheet HTML 73Page - Microchip Technology PIC16F722-E/PT Datasheet HTML 74Page - Microchip Technology PIC16F722-E/PT Datasheet HTML 75Page - Microchip Technology PIC16F722-E/PT Datasheet HTML 76Page - Microchip Technology PIC16F722-E/PT Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 302 page
background image
© 2009 Microchip Technology Inc.
DS41341E-page 73
PIC16F72X/PIC16LF72X
6.4
PORTC and TRISC Registers
PORTC is a 8-bit wide, bidirectional port. The
corresponding
data
direction
register
is
TRISC
(Register 6-11). Setting a TRISC bit (= 1) will make the
corresponding PORTC pin an input (i.e., put the
corresponding output driver in a High-Impedance mode).
Clearing a TRISC bit (= 0) will make the corresponding
PORTC pin an output (i.e., enable the output driver and
put the contents of the output latch on the selected pin).
Example 6-3 shows how to initialize PORTC.
Reading the PORTC register (Register 6-10) reads the
status of the pins, whereas writing to it will write to the
PORT latch. All write operations are read-modify-write
operations. Therefore, a write to a port implies that the
port pins are read, this value is modified and then written
to the PORT data latch.
The TRISC register (Register 6-11) controls the PORTC
pin output drivers, even when they are being used as
analog inputs. The user should ensure the bits in the
TRISC register are maintained set when using them as
analog inputs. I/O pins configured as analog input always
read ‘0’.
EXAMPLE 6-3:
INITIALIZING PORTC
The location of the CCP2 function is controlled by the
CCP2SEL bit in the APFCON register (refer to
Register 6-1)
BANKSEL PORTC
;
CLRF
PORTC
;Init PORTC
BANKSEL TRISC
;
MOVLW
B‘00001100’
;Set RC<3:2> as inputs
MOVWF
TRISC
;and set RC<7:4,1:0>
;as outputs
REGISTER 6-10:
PORTC: PORTC REGISTER
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
RC<7:0>: PORTC General Purpose I/O Pin bits
1
= Port pin is > VIH
0
= Port pin is < VIL
REGISTER 6-11:
TRISC: PORTC TRI-STATE REGISTER
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
TRISC<7:0>: PORTC Tri-State Control bits
1
= PORTC pin configured as an input (tri-stated)
0
= PORTC pin configured as an output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com