Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F722-E/SP Datasheet(PDF) 34 Page - Microchip Technology

Part # PIC16F722-E/SP
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-E/SP Datasheet(HTML) 34 Page - Microchip Technology

Back Button PIC16F722-E/SP Datasheet HTML 30Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 31Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 32Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 33Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 34Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 35Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 36Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 37Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 302 page
background image
PIC16F72X/PIC16LF72X
DS41341E-page 34
© 2009 Microchip Technology Inc.
TABLE 3-1:
STATUS BITS AND THEIR SIGNIFICANCE
TABLE 3-2:
RESET CONDITION FOR SPECIAL REGISTERS(2)
POR
BOR
TO
PD
Condition
0x
1
1
Power-on Reset or LDO Reset
0x
0
x
Illegal, TO is set on POR
0x
x
0
Illegal, PD is set on POR
10
1
1
Brown-out Reset
11
0
1
WDT Reset
11
0
0
WDT Wake-up
11
u
u
MCLR Reset during normal operation
11
1
0
MCLR Reset during Sleep or interrupt wake-up from Sleep
Condition
Program
Counter
STATUS
Register
PCON
Register
Power-on Reset
0000h
0001 1xxx
---- --0x
MCLR Reset during normal operation
0000h
000u uuuu
---- --uu
MCLR Reset during Sleep
0000h
0001 0uuu
---- --uu
WDT Reset
0000h
0000 1uuu
---- --uu
WDT Wake-up
PC + 1
uuu0 0uuu
---- --uu
Brown-out Reset
0000h
0001 1uuu
---- --u0
Interrupt Wake-up from Sleep
PC + 1(1)
uuu1 0uuu
---- --uu
Legend: u = unchanged, x = unknown, - = unimplemented bit, reads as ‘0’.
Note 1: When the wake-up is due to an interrupt and Global Enable bit (GIE) is set, the return address is pushed on
the stack and PC is loaded with the interrupt vector (0004h) after execution of PC + 1.
2: If a Status bit is not implemented, that bit will be read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com