Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F722-E/SP Datasheet(PDF) 105 Page - Microchip Technology

Part # PIC16F722-E/SP
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-E/SP Datasheet(HTML) 105 Page - Microchip Technology

Back Button PIC16F722-E/SP Datasheet HTML 101Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 102Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 103Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 104Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 105Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 106Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 107Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 108Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 109Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 302 page
background image
© 2009 Microchip Technology Inc.
DS41341E-page 105
PIC16F72X/PIC16LF72X
REGISTER 9-2:
ADCON1: A/D CONTROL REGISTER 1
REGISTER 9-3:
ADRES: ADC RESULT REGISTER
U-0
R/W-0
R/W-0
R/W-0
U-0
U-0
R/W-0
R/W-0
—
ADCS2
ADCS1
ADCS0
—
—
ADREF1
ADREF0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented: Read as ‘0’
bit 6-4
ADCS<2:0>: A/D Conversion Clock Select bits
000
=FOSC/2
001
=FOSC/8
010
=FOSC/32
011
=FRC (clock supplied from a dedicated RC oscillator)
100
=FOSC/4
101
=FOSC/16
110
=FOSC/64
111
=FRC (clock supplied from a dedicated RC oscillator)
bit 3-2
Unimplemented: Read as ‘0’
bit 1-0
ADREF<1:0>: Voltage Reference Configuration bits
0x
=VREF is connected to VDD
10
=VREF is connected to external VREF (RA3/AN3)
11
=VREF is connected to internal Fixed Voltage Reference
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
ADRES7
ADRES6
ADRES5
ADRES4
ADRES3
ADRES2
ADRES1
ADRES0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
ADRES<7:0>: ADC Result Register bits
8-bit conversion result.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com