Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F722-E/SP Datasheet(PDF) 118 Page - Microchip Technology

Part # PIC16F722-E/SP
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-E/SP Datasheet(HTML) 118 Page - Microchip Technology

Back Button PIC16F722-E/SP Datasheet HTML 114Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 115Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 116Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 117Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 118Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 119Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 120Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 121Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 122Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 302 page
background image
PIC16F72X/PIC16LF72X
DS41341E-page 118
© 2009 Microchip Technology Inc.
12.6
Timer1 Gate
Timer1 can be configured to count freely or the count
can be enabled and disabled using Timer1 Gate
circuitry. This is also referred to as Timer1 Gate Count
Enable.
Timer1 Gate can also be driven by multiple selectable
sources.
12.6.1
TIMER1 GATE COUNT ENABLE
The Timer1 Gate is enabled by setting the TMR1GE bit
of the T1GCON register. The polarity of the Timer1
Gate is configured using the T1GPOL bit of the
T1GCON register.
When Timer1 Gate (T1G) input is active, Timer1 will
increment on the rising edge of the Timer1 clock
source. When Timer1 Gate input is inactive, no
incrementing will occur and Timer1 will hold the current
count. See Figure 12-3 for timing details.
12.6.2
TIMER1 GATE SOURCE
SELECTION
The Timer1 Gate source can be selected from one of
four different sources. Source selection is controlled by
the T1GSS bits of the T1GCON register. The polarity
for each available source is also selectable. Polarity
selection is controlled by the T1GPOL bit of the
T1GCON register.
TABLE 12-4:
TIMER1 GATE SOURCES
12.6.2.1
T1G Pin Gate Operation
The T1G pin is one source for Timer1 Gate Control. It
can be used to supply an external source to the Timer1
Gate circuitry.
12.6.2.2
Timer0 Overflow Gate Operation
When Timer0 increments from FFh to 00h, a
low-to-high pulse will automatically be generated and
internally supplied to the Timer1 Gate circuitry.
12.6.2.3
Timer2 Match Gate Operation
The TMR2 register will increment until it matches the
value in the PR2 register. On the very next increment
cycle, TMR2 will be reset to 00h. When this Reset
occurs, a low-to-high pulse will automatically be
generated and internally supplied to the Timer1 Gate
circuitry.
12.6.2.4
Watchdog Overflow Gate Operation
The Watchdog Timer oscillator, prescaler and counter
will be automatically turned on when TMR1GE = 1 and
T1GSS selects the WDT as a gate source for Timer1
(T1GSS = 11). TMR1ON does not factor into the oscil-
lator, prescaler and counter enable. See Table 12-5.
The PSA and PS bits of the OPTION register still
control what time-out interval is selected. Changing the
prescaler during operation may result in a spurious
capture.
Enabling the Watchdog Timer oscillator does not
automatically enable a Watchdog Reset or Wake-up
from Sleep upon counter overflow.
As the gate signal coming from the WDT counter will
generate different pulse widths depending on if the
WDT is enabled, when the CLRWDT instruction is
executed, and so on, Toggle mode must be used. A
specific sequence is required to put the device into the
correct state to capture the next WDT counter interval.
TABLE 12-3:
TIMER1 GATE ENABLE
SELECTIONS
T1CLK
T1GPOL
T1G
Timer1 Operation
↑
00
Counts
↑
01
Holds Count
↑
10
Holds Count
↑
11
Counts
T1GSS
Timer1 Gate Source
00
Timer1 Gate Pin
01
Overflow of Timer0
(TMR0 increments from FFh to 00h)
10
Timer2 match PR2
(TMR2 increments to match PR2)
11
Count Enabled by WDT Overflow
(Watchdog Time-out interval expired)
Note:
When using the WDT as a gate source for
Timer1, operations that clear the Watchdog
Timer (CLRWDT, SLEEP instructions) will
affect the time interval being measured for
capacitive sensing. This includes waking
from Sleep. All other interrupts that might
wake the device from Sleep should be
disabled to prevent them from disturbing
the measurement period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com