Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F722-E/SP Datasheet(PDF) 134 Page - Microchip Technology

Part # PIC16F722-E/SP
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-E/SP Datasheet(HTML) 134 Page - Microchip Technology

Back Button PIC16F722-E/SP Datasheet HTML 130Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 131Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 132Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 133Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 134Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 135Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 136Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 137Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 138Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 302 page
background image
PIC16F72X/PIC16LF72X
41341E-page 134
© 2009 Microchip Technology Inc.
TABLE 14-2:
SUMMARY OF REGISTERS ASSOCIATED WITH CAPACITIVE SENSING
REGISTER 14-2:
CPSCON1: CAPACITIVE SENSING CONTROL REGISTER 1
U-0
U-0
U-0
U-0
R/W-0(2)
R/W-0
R/W-0
R/W-0
—
—
—
—
CPSCH3
CPSCH2
CPSCH1
CPSCH0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
Unimplemented: Read as ‘0’
bit 3-0
CPSCH<3:0>: Capacitive Sensing Channel Select bits
If CPSON = 0:
These bits are ignored. No channel is selected.
If CPSON = 1:
0000
= channel 0, (CPS0)
0001
= channel 1, (CPS1)
0010
= channel 2, (CPS2)
0011
= channel 3, (CPS3)
0100
= channel 4, (CPS4)
0101
= channel 5, (CPS5)
0110
= channel 6, (CPS6)
0111
= channel 7, (CPS7)
1000
= channel 8, (CPS8(1))
1001
= channel 9, (CPS9(1))
1010
= channel 10, (CPS10(1))
1011
= channel 11, (CPS11(1))
1100
= channel 12, (CPS12(1))
1101
= channel 13, (CPS13(1))
1110
= channel 14, (CPS14(1))
1111
= channel 15, (CPS15(1))
Note 1:
These channels are not implemented on the PIC16F722/723/726/PIC16LF722/723/726.
2:
This bit is not implemented on PIC16F722/723/726/PIC16LF722/723/726, Read as ‘0’
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
ANSELA
—
—
ANSA5
ANSA4
ANSA3
ANSA2
ANSA1
ANSA0
--11 1111
--11 1111
ANSELB
—
—
ANSB5
ANSB4
ANSB3
ANSB2
ANSB1
ANSB0
--11 1111
--11 1111
ANSELD
ANSD7
ANSD6
ANSD5
ANSD4
ANSD3
ANSD2
ANSD1
ANSD0
1111 1111
1111 1111
OPTION_REG
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
0000 0000
0000 0000
PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
0000 0000
0000 0000
T1CON
TMR1CS1
TMR1CS0
T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
—TMR1ON
0000 00-0
0000 00-0
T2CON
—
TOUTPS3
TOUTPS2
TOUTPS1
TOUTPS0
TMR2ON
T2CKPS1
T2CKPS0
-000 0000
-000 0000
TRISA
TRISA7
TRISA6
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
1111 1111
1111 1111
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1
TRISB0
1111 1111
1111 1111
TRISD
TRISD7
TRISD6
TRISD5
TRISD4TRISD3
TRISD2TRISD1TRISD0
1111 1111
1111 1111
Legend:
-
= Unimplemented locations, read as ‘0’, u = unchanged, x = unknown. Shaded cells are not used by the capacitive sensing module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com