Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F722-E/SP Datasheet(PDF) 186 Page - Microchip Technology

Part # PIC16F722-E/SP
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-E/SP Datasheet(HTML) 186 Page - Microchip Technology

Back Button PIC16F722-E/SP Datasheet HTML 182Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 183Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 184Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 185Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 186Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 187Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 188Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 189Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 190Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 302 page
background image
PIC16F72X/PIC16LF72X
DS41341E-page 186
© 2009 Microchip Technology Inc.
REGISTER 17-3:
SSPCON: SYNCHRONOUS SERIAL PORT CONTROL REGISTER (I2C MODE)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
WCOL: Write Collision Detect bit
1
= The SSPBUF register is written while it is still transmitting the previous word (must be cleared in
software)
0
= No collision
bit 6
SSPOV: Receive Overflow Indicator bit
1
= A byte is received while the SSPBUF register is still holding the previous byte. SSPOV is a “don’t
care” in Transmit mode. SSPOV must be cleared in software in either mode.
0
= No overflow
bit 5
SSPEN: Synchronous Serial Port Enable bit
1
= Enables the serial port and configures the SDA and SCL pins as serial port pins(2)
0
= Disables serial port and configures these pins as I/O port pins
bit 4
CKP: Clock Polarity Select bit
1
= Release control of SCL
0
= Holds clock low (clock stretch). (Used to ensure data setup time.)
bit 3-0
SSPM<3:0>: Synchronous Serial Port Mode Select bits
0110
= I2C Slave mode, 7-bit address
0111
= I2C Slave mode, 10-bit address
1000
= Reserved
1001
= Load SSPMSK register at SSPADD SFR Address(1)
1010
= Reserved
1011
= I2C Firmware Controlled Master mode (Slave Idle)
1100
= Reserved
1101
= Reserved
1110
= I2C Slave mode, 7-bit address with Start and Stop bit interrupts enabled
1111
= I2C Slave mode, 10-bit address with Start and Stop bit interrupts enabled
Note 1: When this mode is selected, any reads or writes to the SSPADD SFR address accesses the SSPMSK register.
2: When enabled, these pins must be properly configured as input or output using the associated TRIS bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com