Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F722-MV/SP Datasheet(PDF) 41 Page - Microchip Technology

Part # PIC16F722-MV/SP
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-MV/SP Datasheet(HTML) 41 Page - Microchip Technology

Back Button PIC16F722-MV/SP Datasheet HTML 37Page - Microchip Technology PIC16F722-MV/SP Datasheet HTML 38Page - Microchip Technology PIC16F722-MV/SP Datasheet HTML 39Page - Microchip Technology PIC16F722-MV/SP Datasheet HTML 40Page - Microchip Technology PIC16F722-MV/SP Datasheet HTML 41Page - Microchip Technology PIC16F722-MV/SP Datasheet HTML 42Page - Microchip Technology PIC16F722-MV/SP Datasheet HTML 43Page - Microchip Technology PIC16F722-MV/SP Datasheet HTML 44Page - Microchip Technology PIC16F722-MV/SP Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 302 page
background image
© 2009 Microchip Technology Inc.
DS41341E-page 41
PIC16F72X/PIC16LF72X
ADRES
1Eh
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON0
1Fh
--00 0000
--00 0000
--uu uuuu
OPTION_REG
81h/181h
1111 1111
1111 1111
uuuu uuuu
TRISA
85h
1111 1111
1111 1111
uuuu uuuu
TRISB
86h
1111 1111
1111 1111
uuuu uuuu
TRISC
87h
1111 1111
1111 1111
uuuu uuuu
TRISD(6)
88h
1111 1111
1111 1111
uuuu uuuu
TRISE
89h
---- 1111
---- 1111
---- uuuu
PIE1
8Ch
0000 0000
0000 0000
uuuu uuuu
PIE2
8Dh
---- ---0
---- ---0
---- ---u
PCON
8Eh
---- --qq
---- --uu
(1,5)
---- --uu
T1GCON
8Fh
0000 0x00
uuuu uxuu
uuuu uxuu
OSCCON
90h
--10 qq--
--10 qq--
--uu qq--
OSCTUNE
91h
--00 0000
--uu uuuu
--uu uuuu
PR2
92h
1111 1111
1111 1111
uuuu uuuu
SSPADD
93h
0000 0000
0000 0000
uuuu uuuu
SSPMSK
93h
1111 1111
1111 1111
uuuu uuuu
SSPSTAT
94h
0000 0000
0000 0000
uuuu uuuu
WPUB
95h
1111 1111
1111 1111
uuuu uuuu
IOCB
96h
0000 0000
0000 0000
uuuu uuuu
TXSTA
98h
0000 -010
0000 -010
uuuu -uuu
SPBRG
99h
0000 0000
0000 0000
uuuu uuuu
APFCON
9Ch
---- --00
---- --00
---- --uu
FVRCON
9Dh
q000 --00
q000 --00
uuuu --uu
ADCON1
9Fh
-000 --00
-000 --00
-uuu --uu
CPSCON0
108h
0--- 0000
0--- 0000
u--- uuuu
CPSCON1
109h
---- 0000
---- 0000
---- uuuu
PMDATL
10Ch
xxxx xxxx
xxxx xxxx
uuuu uuuu
PMADRL
10Dh
xxxx xxxx
xxxx xxxx
uuuu uuuu
PMDATH
10Eh
--xx xxxx
--xx xxxx
--uu uuuu
PMADRH
10Fh
---x xxxx
---x xxxx
---u uuuu
ANSELA
185h
--11 1111
--11 1111
--uu uuuu
ANSELB
186h
--11 1111
--11 1111
--uu uuuu
ANSELD(6)
188h
1111 1111
1111 1111
uuuu uuuu
ANSELE
189h
---- -111
---- -111
---- -uuu
PMCON1
18Ch
1--- ---0
1--- ---0
u--- ---u
TABLE 3-4:
INITIALIZATION CONDITION FOR REGISTERS (CONTINUED)
Register
Address
Power-on Reset/
Brown-out Reset(1)
MCLR Reset/
WDT Reset
Wake-up from Sleep through
Interrupt/Time-out
Legend: u = unchanged, x = unknown, - = unimplemented bit, reads as ‘0’, q = value depends on condition.
Note 1:
If VDD goes too low, Power-on Reset will be activated and registers will be affected differently.
2:
One or more bits in INTCON and/or PIR1 and PIR2 will be affected (to cause wake-up).
3:
When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt
vector (0004h).
4:
See Table 3-5 for Reset value for specific condition.
5:
If Reset was due to brown-out, then bit 0 = 0. All other Resets will cause bit 0 = u.
6:
PIC16F724/727/PIC16LF724/727 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com