Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F722-I/SS Datasheet(PDF) 40 Page - Microchip Technology

Part # PIC16F722-I/SS
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-I/SS Datasheet(HTML) 40 Page - Microchip Technology

Back Button PIC16F722-I/SS Datasheet HTML 36Page - Microchip Technology PIC16F722-I/SS Datasheet HTML 37Page - Microchip Technology PIC16F722-I/SS Datasheet HTML 38Page - Microchip Technology PIC16F722-I/SS Datasheet HTML 39Page - Microchip Technology PIC16F722-I/SS Datasheet HTML 40Page - Microchip Technology PIC16F722-I/SS Datasheet HTML 41Page - Microchip Technology PIC16F722-I/SS Datasheet HTML 42Page - Microchip Technology PIC16F722-I/SS Datasheet HTML 43Page - Microchip Technology PIC16F722-I/SS Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 302 page
background image
PIC16F72X/PIC16LF72X
DS41341E-page 40
© 2009 Microchip Technology Inc.
TABLE 3-4:
INITIALIZATION CONDITION FOR REGISTERS
Register
Address
Power-on Reset/
Brown-out Reset(1)
MCLR Reset/
WDT Reset
Wake-up from Sleep through
Interrupt/Time-out
W—
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF
00h/80h/
100h/180h
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR0
01h/101h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PCL
02h/82h/
102h/182h
0000 0000
0000 0000
PC + 1
(3)
STATUS
03h/83h/
103h/183h
0001 1xxx
000q quuu
(4)
uuuq quuu
(4)
FSR
04h/84h/
104h/184h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA
05h
xxxx xxxx
xxxx xxxx
uuuu uuuu
PORTB
06h
xxxx xxxx
xxxx xxxx
uuuu uuuu
PORTC
07h
xxxx xxxx
xxxx xxxx
uuuu uuuu
PORTD(6)
08h
xxxx xxxx
xxxx xxxx
uuuu uuuu
PORTE
09h
---- xxxx
---- xxxx
---- uuuu
PCLATH
0Ah/8Ah/
10Ah/18Ah
---0 0000
---0 0000
---u uuuu
INTCON
0Bh/8Bh/
10Bh/18Bh
0000 000x
0000 000x
uuuu uuuu
(2)
PIR1
0Ch
0000 0000
0000 0000
uuuu uuuu
(2)
PIR2
0Dh
---- ---0
---- ---0
---- ---u
TMR1L
0Eh
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR1H
0Fh
xxxx xxxx
uuuu uuuu
uuuu uuuu
T1CON
10h
0000 00-0
uuuu uu-u
uuuu uu-u
TMR2
11h
0000 0000
0000 0000
uuuu uuuu
T2CON
12h
-000 0000
-000 0000
-uuu uuuu
SSPBUF
13h
xxxx xxxx
xxxx xxxx
uuuu uuuu
SSPCON
14h
0000 0000
0000 0000
uuuu uuuu
CCPR1L
15h
xxxx xxxx
xxxx xxxx
uuuu uuuu
CCPR1H
16h
xxxx xxxx
xxxx xxxx
uuuu uuuu
CCP1CON
17h
--00 0000
--00 0000
--uu uuuu
RCSTA
18h
0000 000x
0000 000x
uuuu uuuu
TXREG
19h
0000 0000
0000 0000
uuuu uuuu
RCREG
1Ah
0000 0000
0000 0000
uuuu uuuu
CCPR2L
1Bh
xxxx xxxx
xxxx xxxx
uuuu uuuu
CCPR2H
1Ch
xxxx xxxx
xxxx xxxx
uuuu uuuu
CCP2CON
1Dh
--00 0000
--00 0000
--uu uuuu
Legend: u = unchanged, x = unknown, - = unimplemented bit, reads as ‘0’, q = value depends on condition.
Note 1:
If VDD goes too low, Power-on Reset will be activated and registers will be affected differently.
2:
One or more bits in INTCON and/or PIR1 and PIR2 will be affected (to cause wake-up).
3:
When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt
vector (0004h).
4:
See Table 3-5 for Reset value for specific condition.
5:
If Reset was due to brown-out, then bit 0 = 0. All other Resets will cause bit 0 = u.
6:
PIC16F724/727/PIC16LF724/727 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com