Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F722-E/SS Datasheet(PDF) 20 Page - Microchip Technology

Part # PIC16F722-E/SS
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-E/SS Datasheet(HTML) 20 Page - Microchip Technology

Back Button PIC16F722-E/SS Datasheet HTML 16Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 17Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 18Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 19Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 20Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 21Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 22Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 23Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 302 page
background image
PIC16F72X/PIC16LF72X
DS41341E-page 20
© 2009 Microchip Technology Inc.
FIGURE 2-3:
PROGRAM MEMORY MAP
AND STACK FOR THE
PIC16F726/LF726 AND
PIC16F727/LF727
2.2
Data Memory Organization
The data memory is partitioned into multiple banks
which contain the General Purpose Registers (GPRs)
and the Special Function Registers (SFRs). Bits RP0
and RP1 are bank select bits.
RP1
RP0
00
→
Bank 0 is selected
01
→
Bank 1 is selected
10
→
Bank 2 is selected
11
→
Bank 3 is selected
Each bank extends up to 7Fh (128 bytes). The lower
locations of each bank are reserved for the Special
Function Registers. Above the Special Function
Registers
are
the
General
Purpose
Registers,
implemented as static RAM. All implemented banks
contain Special Function Registers. Some frequently
used Special Function Registers from one bank are
mirrored in another bank for code reduction and
quicker access.
2.2.1
GENERAL PURPOSE REGISTER
FILE
The register file is organized as 128 x 8 bits in the
PIC16F722/LF722, 192 x 8 bits in the PIC16F723/LF723
and
PIC16F724/LF724,
and
368 x 8
bits
in
the
PIC16F726/LF726
and
PIC16F727/LF727.
Each
register is accessed either directly or indirectly through
the File Select Register (FSR), (Refer to Section 2.5
“Indirect Addressing, INDF and FSR Registers”).
2.2.2
SPECIAL FUNCTION REGISTERS
The Special Function Registers are registers used by
the CPU and peripheral functions for controlling the
desired operation of the device (refer to Table 2-1).
These registers are static RAM.
The Special Function Registers can be classified into
two sets: core and peripheral. The Special Function
Registers associated with the “core” are described in
this section. Those related to the operation of the
peripheral features are described in the section of that
peripheral feature.
PC<12:0>
13
0000h
0004h
Stack Level 1
Stack Level 8
Reset Vector
Interrupt Vector
CALL, RETURN
RETFIE, RETLW
Stack Level 2
0005h
On-chip
1FFFh
Program
Memory
Page 0
Page 1
07FFh
0800h
0FFFh
1000h
Page 2
Page 3
17FFh
1800h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com