Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F722-E/SS Datasheet(PDF) 157 Page - Microchip Technology

Part # PIC16F722-E/SS
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-E/SS Datasheet(HTML) 157 Page - Microchip Technology

Back Button PIC16F722-E/SS Datasheet HTML 153Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 154Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 155Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 156Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 157Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 158Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 159Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 160Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 161Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 302 page
background image
© 2009 Microchip Technology Inc.
DS41341E-page 157
PIC16F72X/PIC16LF72X
TABLE 16-5:
BAUD RATES FOR ASYNCHRONOUS MODES
BAUD
RATE
SYNC = 0, BRGH = 0
FOSC = 20.000 MHz
FOSC = 18.432 MHz
FOSC = 16.0000 MHz
FOSC = 11.0592 MHz
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
300
—
—
—
—
—
—
——
—
——
—
1200
1221
1.73
255
1200
0.00
239
1201
0.08
207
1200
0.00
143
2400
2404
0.16
129
2400
0.00
119
2403
0.16
103
2400
0.00
71
9600
9470
-1.36
32
9600
0.00
29
9615
0.16
25
9600
0.00
17
10417
10417
0.00
29
10286
-1.26
27
10416
-0.01
23
10165
-2.42
16
19.2k
19.53k
1.73
15
19.20k
0.00
14
19.23k
0.16
12
19.20k
0.00
8
57.6k
—
—
—
57.60k
0.00
7
——
—
57.60k
0.00
2
115.2k
—
—
—
—
—
—
—
—
—
—
—
—
BAUD
RATE
SYNC = 0, BRGH = 0
FOSC = 8.000 MHz
FOSC = 4.000 MHz
FOSC = 3.6864 MHz
FOSC = 1.000 MHz
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
300
—
—
—
300
0.16
207
300
0.00
191
300
0.16
51
1200
1202
0.16
103
1202
0.16
51
1200
0.00
47
1202
0.16
12
2400
2404
0.16
51
2404
0.16
25
2400
0.00
23
—
—
—
9600
9615
0.16
12
—
—
—
9600
0.00
5
—
—
—
10417
10417
0.00
11
10417
0.00
5
—
—
—
—
—
—
19.2k
—
—
—
—
—
—
19.20k
0.00
2
—
—
—
57.6k
—
—
—
—
—
—
57.60k
0.00
0
—
—
—
115.2k
—
—
—
—
—
—
—
—
—
—
—
—
BAUD
RATE
SYNC = 0, BRGH = 1
FOSC = 20.000 MHz
FOSC = 18.432 MHz
FOSC = 16.0000 MHz
FOSC = 11.0592 MHz
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
300
——
—
—
—
—
——
—
—
—
—
1200
—
—
—
—
—
—
—
—
—
—
—
—
2400
—
—
—
—
—
—
—
—
—
——
—
9600
9615
0.16
129
9600
0.00
119
9615
0.16
103
9600
0.00
71
10417
10417
0.00
119
10378
-0.37
110
10417
0.00
95
10473
0.53
65
19.2k
19.23k
0.16
64
19.20k
0.00
59
19.23k
0.16
51
19.20k
0.00
35
57.6k
56.82k
-1.36
21
57.60k
0.00
19
58.8k
2.12
16
57.60k
0.00
11
115.2k
113.64k
-1.36
10
115.2k
0.00
9
—
—
—
115.2k
0.00
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com