Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS35L03 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS35L03
Description  2.9 W Mono Class-D Audio Amplifier with Low Idle Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L03 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS35L03 Datasheet HTML 26Page - Cirrus Logic CS35L03 Datasheet HTML 27Page - Cirrus Logic CS35L03 Datasheet HTML 28Page - Cirrus Logic CS35L03 Datasheet HTML 29Page - Cirrus Logic CS35L03 Datasheet HTML 30Page - Cirrus Logic CS35L03 Datasheet HTML 31Page - Cirrus Logic CS35L03 Datasheet HTML 32Page - Cirrus Logic CS35L03 Datasheet HTML 33Page - Cirrus Logic CS35L03 Datasheet HTML 34Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
CS35L01/03
30
DS909A2
8. PACKAGING AND THERMAL INFORMATION
8.1
Package Drawings and Dimensions
(Note 19)
Note:
19. Dimensioning and tolerance per ASME Y 14.5M-1994.
INCHES
MILLIMETERS
NOTE
DIM
MIN
NOM
MAX
MIN
NOM
MAX
X
0.047
0.048
0.049
1.195
1.215
1.235
19
Y
0.047
0.048
0.049
1.195
1.215
1.235
19
b
0.009
0.011
0.012
0.240
0.270
0.300
e
-
0.015
-
-
0.400 BSC
-
19
A
0.018
0.020
0.022
0.475
0.515
0.555
19
A1
0.006
0.007
0.008
0.175
0.190
0.205
19
A2
0.012
0.013
0.014
0.300
0.325
0.350
19
JEDEC #: MO-220
Controlling Dimension is Millimeters.
A2
Y
X
b
e
e
A1
A
9 solder spheres
9 BALL WLCSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com