Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP7312MA Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMP7312MA
Description  Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP7312MA Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMP7312MA Datasheet HTML 1Page - National Semiconductor (TI) LMP7312MA Datasheet HTML 2Page - National Semiconductor (TI) LMP7312MA Datasheet HTML 3Page - National Semiconductor (TI) LMP7312MA Datasheet HTML 4Page - National Semiconductor (TI) LMP7312MA Datasheet HTML 5Page - National Semiconductor (TI) LMP7312MA Datasheet HTML 6Page - National Semiconductor (TI) LMP7312MA Datasheet HTML 7Page - National Semiconductor (TI) LMP7312MA Datasheet HTML 8Page - National Semiconductor (TI) LMP7312MA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LMP7312
June 18, 2010
Precision SPI-Programmable AFE with Differential/Single-
Ended Input/Output
General Description
The LMP7312 is a digitally programmable variable gain am-
plifier/attenuator. Its wide input voltage range and superior
precision make it a prime choice for applications requiring
high accuracy such as data acquisition systems for IO mod-
ules in programmable logic control (PLC). The LMP7312
provides a differential output to maximize dynamic range and
signal to noise ratio, thereby reducing the overall system er-
ror. It can also be configured to handle single ended input data
converters by means of the V
OCM pin (see application section
for details). The inputs of LMP7312 can be configured in at-
tenuation mode to handle large input signals of up to +/- 15V,
as well as in amplification mode to handle current loops of
0-20mA and 4-20mA.The LMP7312 is equipped with a null
switch to evaluate the offset of the internal amplifier. A guar-
anteed 0.035% maximum gain error (for all gains) and a
maximum gain drift of 5ppm over the extended industrial tem-
perature range (-40° to 125°C) make the LMP7312 very
attractive for high precision systems even under harsh con-
ditions. A low input offset voltage of 100µV and low voltage
noise of 3µVpp give the LMP7312 a superior performance.
The LMP7312 is fully specified from -40° to 125°C and is
available in SOIC-14 package.
Features
Typical Values, T
A = 25°C, V
+=5V, V-=0V.
■ Gain bandwidth
1 MHz
■ Input voltage range (G= 0.096 V/V)
-15V to +15V
■ Core op-amp input offset voltage
100 µV (max)
■ Supply current
2 mA (max)
■ Gain (Attenuation Mode)
0.096 V/V, 0.192 V/V
0.384 V/V, 0.768 V/V
■ Gain (AmplificationMode)
1 V/V, 2 V/V
■ Gain Error
0.035% (max)
■ Core op-amp PSRR
90 dB (min)
■ CMRR
80 dB (min)
■ Adjustable output common mode
1V to 4V
■ Temperature range
−40 to 125°C
■ Package
14-Pin SOIC
Applications
■ Signal conditioning AFE
±10V; ±5V; 0-5V; 0-10V; 0-20mA; 4-20mA
■ Data Acquisition systems
■ Motor control
■ Instrument and process control
■ Remote sensing
■ Programmable automation control
Typical Application
30075513
LMP™ is a trademark of National Semiconductor Corporation.
© 2010 National Semiconductor Corporation
300755
www.national.com


Similar Part No. - LMP7312MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP7312MA/NOPB TI1-LMP7312MA/NOPB Datasheet
1Mb / 29P
Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
logo
National Semiconductor ...
LMP7312MANOPB NSC-LMP7312MANOPB Datasheet
1Mb / 29P
Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
logo
Texas Instruments
LMP7312MAX/NOPB TI1-LMP7312MAX/NOPB Datasheet
1Mb / 29P
Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
logo
National Semiconductor ...
LMP7312MAXNOPB NSC-LMP7312MAXNOPB Datasheet
1Mb / 29P
Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
More results

Similar Description - LMP7312MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA112 TI-PGA112 Datasheet
833Kb / 38P
Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
PGA112 TI-PGA112_08 Datasheet
1Mb / 40P
Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
logo
Analog Devices
AD7266BSUZ-REEL AD-AD7266BSUZ-REEL Datasheet
644Kb / 28P
Differential/Single-Ended Input, Dual
REV. B
logo
National Semiconductor ...
LMP7312 NSC-LMP7312_14 Datasheet
1Mb / 29P
Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
logo
Texas Instruments
DEM-ADS807E TI1-DEM-ADS807E_14 Datasheet
328Kb / 9P
SINGLE-ENDED OR DIFFERENTIAL INPUT CONFIGURATION
PCM2900C TI1-PCM2900C_14 Datasheet
1Mb / 33P
Single-Ended Analog Input/Output
PCM3000 TI1-PCM3000_08 Datasheet
626Kb / 40P
SINGLE-ENDED ANALOG INPUT/OUTPUT
LMP7312 TI1-LMP7312 Datasheet
1Mb / 29P
Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
logo
Unisonic Technologies
PA3138G-P14-R UTC-PA3138G-P14-R Datasheet
166Kb / 6P
Differential Input and Single-Ended Output
logo
Maxim Integrated Produc...
MAX9830AEVKIT MAXIM-MAX9830AEVKIT Datasheet
905Kb / 4P
Differential or Single-Ended Input
Rev 0; 8/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com