Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8358MA Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMP8358MA
Description  Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8358MA Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMP8358MA Datasheet HTML 1Page - National Semiconductor (TI) LMP8358MA Datasheet HTML 2Page - National Semiconductor (TI) LMP8358MA Datasheet HTML 3Page - National Semiconductor (TI) LMP8358MA Datasheet HTML 4Page - National Semiconductor (TI) LMP8358MA Datasheet HTML 5Page - National Semiconductor (TI) LMP8358MA Datasheet HTML 6Page - National Semiconductor (TI) LMP8358MA Datasheet HTML 7Page - National Semiconductor (TI) LMP8358MA Datasheet HTML 8Page - National Semiconductor (TI) LMP8358MA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LMP8358
May 5, 2010
Zero-Drift, Programmable Instrumentation Amplifier with
Diagnostics
General Description
The LMP8358 is a precision programmable-gain instrumen-
tation amplifier in National's LMP® precision amplifier family.
Its gain can be programmed to 10, 20, 50, 100, 200, 500, or
1000 through an SPI-compatible serial interface or through a
parallel interface. Alternatively, its gain can be set to an arbi-
trary value using two external resistors. The LMP8358 uses
patented techniques to measure and continuously correct its
input offset voltage, eliminating offset drift over time and tem-
perature and the effect of 1/f noise. Its ground-sensing CMOS
input features a high CMRR and low input bias currents. It is
capable of sensing differential input voltages in a common-
mode range that extends from 100mV below the negative
supply to 1.4V below the positive supply, making it an ideal
solution for interfacing with ground-referenced sensors, sup-
ply-referenced sensor bridges, and any other application re-
quiring precision and long-term stability. Additionally, the
LMP8358 includes fault detection circuitry to detect open and
shorted inputs and deteriorating connections to the signal
source. Other features that make the LMP8358 a versatile
solution for many applications are its rail-to-rail output, low
input voltage noise and high gain-bandwidth product.
Features
Typical Values unless otherwise noted, T
A = 25°C
■ Supply voltage
2.7V to 5.5V
■ Supply current
1.8 mA
■ Max gain error
0.15%
■ Max gain drift
16 ppm/°C
■ Min CMRR
110 dB
■ Max offset voltage
10 µV
■ Max offset voltage drift
50 nV/°C
■ GBW (gain = 10)
8 MHz
■ Max non-linearity
100 ppm
■ Operating temperature range
−40°C to 125°C
■ Input fault detection
■ SPI or pin configurable modes
■ EMIRR at 1.8GHz
92 dB
■ 14-Pin SOIC and 14-Pin TSSOP Package
Applications
■ Bridge sensor amplifier
■ Thermopile amplifier
■ Portable instrumentation
■ Medical instrumentation
■ Precision low-side current sensing
Typical Application
300454g1
LMP® is a registered trademark of National Semiconductor Corporation.
© 2010 National Semiconductor Corporation
300454
www.national.com


Similar Part No. - LMP8358MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8358MA/NOPB TI1-LMP8358MA/NOPB Datasheet
1Mb / 40P
Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
LMP8358MAX/NOPB TI1-LMP8358MAX/NOPB Datasheet
1Mb / 40P
Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
More results

Similar Description - LMP8358MA

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6915 LINER-LTC6915 Datasheet
289Kb / 16P
Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
logo
Analog Devices
AD8231 AD-AD8231_07 Datasheet
137Kb / 8P
Zero Drift, Digital Programmable Instrumentation Amplifier
Rev. PrC
AD8231 AD-AD8231 Datasheet
630Kb / 20P
Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. 0
logo
Texas Instruments
PGA280 TI-PGA280 Datasheet
900Kb / 45P
Zero-Drift High-Voltage Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8231 AD-AD8231_1 Datasheet
686Kb / 24P
Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. A
AD8231 AD-AD8231_15 Datasheet
589Kb / 24P
Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. B
logo
Linear Technology
LTC6915 LINER-LTC6915_15 Datasheet
295Kb / 18P
Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
logo
Texas Instruments
LMP8358 TI1-LMP8358 Datasheet
1Mb / 40P
Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
logo
Analog Devices
AD8231 AD-AD8231_16 Datasheet
668Kb / 25P
Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. C
AD8231 AD-AD8231_V01 Datasheet
725Kb / 24P
Zero Drift, Digitally Programmable Instrumentation Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com