Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8358MT Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMP8358MT
Description  Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8358MT Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMP8358MT Datasheet HTML 3Page - National Semiconductor (TI) LMP8358MT Datasheet HTML 4Page - National Semiconductor (TI) LMP8358MT Datasheet HTML 5Page - National Semiconductor (TI) LMP8358MT Datasheet HTML 6Page - National Semiconductor (TI) LMP8358MT Datasheet HTML 7Page - National Semiconductor (TI) LMP8358MT Datasheet HTML 8Page - National Semiconductor (TI) LMP8358MT Datasheet HTML 9Page - National Semiconductor (TI) LMP8358MT Datasheet HTML 10Page - National Semiconductor (TI) LMP8358MT Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
I
TEST
Fault Detection: Test Current
Setting 1 (CUR[2:0] = 001b), V
CM < V
+ −
2.25V
10
nA
Setting 2 (CUR[2:0] = 010b), V
CM < V
+ −
2.25V
100
nA
Setting 3 (CUR[2:0] = 011b), V
CM < V
+ −
2.25V
1
µA
Setting 4 (CUR[2:0] = 100b), V
CM < V
+ −
2.25V
10
µA
Setting 5 (CUR[2:0] = 101b), V
CM < V
+ −
2.25V
100
µA
Electrical Characteristics (Serial Interface)
Unless otherwise specified, all limits guaranteed for T
A = 25°C, V
+ − V−
≥ 2.7V, V+ ≥ VHSER/VLPAR, V− ≤ VLSER/VHPAR, V
D =
(VHSER/VLPAR) − (VLSER/VHPAR)
≥ 2.5V.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
V
IL
Input Logic Low Threshold
0.3 × V
D
V
V
IH
Input Logic High Threshold
0.7 × V
D
V
V
OL
Output Logic Low Threshold
I
SDO = 2mA
0.2
V
V
OH
Output Logic High Threshold
I
SDO = 2mA
V
D − 0.2V
I
SDO
Output Source Current, SDO
V
D = 3.3V or 5.0V,
CSB = 0V, V
OH = V
+ – 0.7V
−2
mA
Output Sink Current, SDO
V
D = 3.3V or 5.0V,
CSB = 0V, V
OL = 1.0V
2
I
OZ
Output Tri-state Leakage Current,
SDO
V
D = 3.3V or 5.0V,
CSB = V
D = 3.3V or 5V
±1
µA
t
1
High Period, SCK
(Note 9)
100
ns
t
2
Low Period, SCK
(Note 9)
100
ns
t
3
Set Up Time, CSB to SCK
(Note 9)
50
ns
t
4
Set Up Time, SDI to SCK
(Note 9)
30
ns
t
5
Hold Time, SCK to SDI
(Note 9)
10
ns
t
6
Prop. Delay, SCK to SDO
(Note 9)
60
ns
t
7
Hold Time, SCK Transition to CSB
Rising Edge
(Note 9)
50
ns
t
8
CSB Inactive
(Note 9)
50
ns
t
9
Prop. Delay, CSB to SDO Active
(Note 9)
50
ns
t
10
Prop. Delay, CSB to SDO Inactive (Note 9)
50
ns
t
11
Hold Time, SCK Transition to CSB
Falling Edge
(Note 9)
10
ns
t
r/tf
Signal Rise and Fall Times
(Note 9)
1.5
5
ns
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but for which specific performance is not guaranteed. For guaranteed specifications and the test conditions, see Electrical Characteristics.
Note 2: Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22–A115–A (ESD MM std. of JEDEC). Field-
Induced Charge-Device Model, applicable std. JESD22–C101–C (ESD FICDM std. of JEDEC).
Note 3: The short circuit test is a momentary test which applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated
ambient temperature can exceed the maximum allowable junction temperature of 150°C.
Note 4: The maximum power dissipation is a function of T
J(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
P
D = (TJ(MAX) – TA)/ θJA. All numbers apply for packages soldered directly onto a PC Board.
Note 5: Typical Values indicate the most likely parametric norm as determined at the time of characterization. Actual typical values may vary over time and will
also depend on the application and configuration. The typical values are not tested and are not guaranteed on shipped production material.
Note 6: All limits are guaranteed by testing or statistical analysis.
7
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com