Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-KAB-USBB-FS-1M-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-KAB-USBB-FS-1M-R
Description  WATERPROOF USB B FEMALE CONNECTOR, W/CABLE, 1M, OPEN END
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-KAB-USBB-FS-1M-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-KAB-USBB-FS-1M-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - A-KAB-USBB-FS-1M-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-KAB-USBB-FS-1M ASSMANN-A-KAB-USBB-FS-1M Datasheet
59Kb / 1P
Waterproof USB2.0 cable assembly
More results

Similar Description - A-KAB-USBB-FS-1M-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-KAB-USBA-MS-1M-R ASSMANN-A-KAB-USBA-MS-1M-R Datasheet
246Kb / 1P
WATERPROOF USB A MALE CONNECTOR, W/CABLE, 1M OPEN END
A-KAB-USBB-MS-1M-R ASSMANN-A-KAB-USBB-MS-1M-R Datasheet
261Kb / 1P
WATERPROOF USB B MALE CONNECTOR, W/CABLE, 1M, OPEN END
A-USB-BPFS-R ASSMANN-A-USB-BPFS-R Datasheet
279Kb / 1P
WATERPROOF USB B FEMALE, FOR PANEL MOUNTING, 50mm
A-USB-1-R ASSMANN-A-USB-1-R Datasheet
213Kb / 1P
USB B FEMALE
AK670-OE-BLACK-R ASSMANN-AK670-OE-BLACK-R Datasheet
958Kb / 1P
USB cable A-Male to Open End, 2M
A-USB-1 ASSMANN-A-USB-1 Datasheet
138Kb / 1P
USB B Female <=> USB A Female ADAPTER
logo
List of Unclassifed Man...
MC000993 ETC2-MC000993 Datasheet
169Kb / 1P
USB 2.0 Micro B Male to C Male Cable 1m
logo
PowerDynamics, Inc
PD-SP2110-SXX3X POWERDYNAMICS-PD-SP2110-SXX3X Datasheet
353Kb / 1P
WATERPROOF FEMALE CABLE CONNECTOR
logo
EDAC, All Rights Reserv...
691F204-290-121 EDAC-691F204-290-121 Datasheet
79Kb / 1P
691F Series,USB TYPE-B PLUGS - CABLE END SOLDER CUP
691F209-190-722 EDAC-691F209-190-722 Datasheet
100Kb / 1P
691F Series,USB TYPE-B PLUGS - CABLE END SOLDER CUP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com