Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5125 Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # MPC5125
Description  MPC5125 Microcontroller Data Sheet
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5125 Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button MPC5125 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 92 page
background image
MPC5125 Microcontroller Data Sheet, Rev. 3
Electrical and Thermal Characteristics
Freescale Semiconductor
64
Figure 27. Ethernet Timing Diagram — MII and RMII Rx Signal
Table 28. RMII Rx Signal Timing
Sym
Description
Min
Max
Unit
SpecID
t5
RXD[1:0], RX_DV, RX_ER to TX_CLK setup
4
—
ns
A11.5
t6
TX_CLK to RXD[1:0], RX_DV, RX_ER hold
2
—
ns
A11.6
t7
TX_CLK pulse width high
35%
65%
TX_CLK period1
NOTES:
1 TX_CLK frequency shall be 50 MHz regardless of the data rate. See the RMII specification.
A11.7
t8
TX_CLK pulse width low
35%
65%
TX_CLK period1
A11.8
Table 29. MII Tx Signal Timing
Sym
Description
Min
Max
Unit
SpecID
t9
TX_CLK rising edge to TXD[3:0], TX_EN, TX_ER invalid
3
—
ns
A11.9
t10
TX_CLK rising edge to TXD[3:0], TX_EN, TX_ER valid
—
25
ns
A11.10
t11
TX_CLK pulse width high
35%
65%
TX_CLK Period1
NOTES:
1 The TX_CLK frequency shall be 25% of the nominal transmit frequency, for example, a PHY operating at 100 Mb/s must
provide a TX_CLK frequency of 25 MHz and a PHY operating at 10 Mb/s must provide a TX_CLK frequency of 2.5 MHz. See
the IEEE 802.3 specification.
A11.11
t12
TX_CLK pulse width low
35%
65%
TX_CLK Period1
A11.12
Table 30. RMII Tx Signal Timing
Sym
Description
Min
Max
Unit
SpecID
t13
TX_CLK rising edge to TXD[1:0], TX_EN, TX_ER invalid
3
—
ns
A11.13
t14
TX_CLK rising edge to TXD[1:0], TX_EN, TX_ER valid
—
14
ns
A11.14
t15
TX_CLK pulse width high
35%
65%
TX_CLK Period1
NOTES:
1 TX_CLK frequency shall be 50 MHz regardless of the data rate. See the RMII specification.
A11.15
t16
TX_CLK pulse width low
35%
65%
TX_CLK Period1
A11.16
t4, t8
t3, t7
t1. t5
t2. t6
REF_CLK (Input)
RXD[3:0] (inputs)
RX_DV
RX_ER
REF_CLK is TX_CLK in RMII mode, and is RX_CLK in non-RMII mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com