Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2138ACDFP Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # R5F2138ACDFP
Description  RENESAS MCU
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2138ACDFP Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button R5F2138ACDFP Datasheet HTML 38Page - Renesas Technology Corp R5F2138ACDFP Datasheet HTML 39Page - Renesas Technology Corp R5F2138ACDFP Datasheet HTML 40Page - Renesas Technology Corp R5F2138ACDFP Datasheet HTML 41Page - Renesas Technology Corp R5F2138ACDFP Datasheet HTML 42Page - Renesas Technology Corp R5F2138ACDFP Datasheet HTML 43Page - Renesas Technology Corp R5F2138ACDFP Datasheet HTML 44Page - Renesas Technology Corp R5F2138ACDFP Datasheet HTML 45Page - Renesas Technology Corp R5F2138ACDFP Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 57 page
background image
R8C/38C Group
5. Electrical Characteristics
REJ03B0295-0100 Rev.1.00
Page 42 of 54
Apr 23, 2010
Note:
1. 4.2 V
≤ VCC ≤ 5.5 V, Topr = −20 to 85 °C (N version)/−40 to 85 °C (D version), and f(XIN) = 20 MHz, unless otherwise
specified.
Table 5.17
Electrical Characteristics (1) [4.2 V
≤ VCC ≤ 5.5 V]
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
VOH
Output “H”
voltage
Other than XOUT
Drive capacity High VCC = 5 V IOH =
−20 mA VCC − 2.0
—
VCC
V
Drive capacity Low VCC = 5 V IOH =
−5 mA
VCC
− 2.0
—
VCC
V
XOUT
VCC = 5 V
IOH =
−200 µA1.0
—
VCC
V
VOL
Output “L”
voltage
Other than XOUT
Drive capacity High VCC = 5 V IOL = 20 mA
—
—
2.0
V
Drive capacity Low VCC = 5 V IOL = 5 mA
—
—
2.0
V
XOUT
VCC = 5 V
IOL = 200
µA—
—
0.5
V
VT+-VT-
Hysteresis INT0, INT1, INT2,
INT3, INT4,
KI0, KI1, KI2, KI3,
TRAIO, TRBO,
TRCIOA, TRCIOB,
TRCIOC, TRCIOD,
TRDIOA0, TRDIOB0,
TRDIOC0, TRDIOD0,
TRDIOA1, TRDIOB1,
TRDIOC1, TRDIOD1,
TRCTRG, TRCCLK,
TRFI, TRGIOA,
TRGIOB, ADTRG,
RXD0, RXD1, RXD2,
CLK0, CLK1, CLK2,
SSI, SCL, SDA, SSO
0.1
1.2
—
V
RESET
0.1
1.2
—
V
IIH
Input “H” current
VI = 5 V, VCC = 5.0 V
—
—
5.0
µA
IIL
Input “L” current
VI = 0 V, VCC = 5.0 V
—
—
−5.0
µA
RPULLUP
Pull-up resistance
VI = 0 V, VCC = 5.0 V
25
50
100
k
Ω
RfXIN
Feedback
resistance
XIN
—
0.3
—
M
Ω
RfXCIN
Feedback
resistance
XCIN
—
8
—
M
Ω
VRAM
RAM hold voltage
During stop mode
1.8
—
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com