Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F213G2CDSP Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # R5F213G2CDSP
Description  RENESAS MCU
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F213G2CDSP Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button R5F213G2CDSP Datasheet HTML 47Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 48Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 49Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 50Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 51Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 52Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 53Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 54Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 59 page
background image
R8C/3GC Group
5. Electrical Characteristics
Under development Preliminary document
Specifications in this document are tentative and subject to change.
REJ03B0301-0010 Rev.0.10
Page 51 of 56
May 24, 2010
Note:
1. 1.8 V
≤ VCC < 2.7 V and Topr = −20 to 85°C (N version) / −40 to 85°C (D version), f(XIN) = 5 MHz, unless otherwise specified.
Table 5.42
Electrical Characteristics (5) [1.8 V
≤ Vcc < 2.7 V]
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
VOH
Output “H” voltage
Other than XOUT
Drive capacity High IOH =
−2 mA
VCC
− 0.5
−
VCC
V
Drive capacity Low
IOH =
−1 mA
VCC
− 0.5
−
VCC
V
XOUT
IOH =
−200 µA1.0
−
VCC
V
VOL
Output “L” voltage
Other than XOUT
Drive capacity High IOL = 2 mA
−−
0.5
V
Drive capacity Low
IOL = 1 mA
−−
0.5
V
XOUT
IOL = 200
µA
−−
0.5
V
VT+-VT-
Hysteresis
INT0, INT1, INT3,
KI0,KI1, KI2, KI3,
TRAIO, TRBO,
TRCIOA, TRCIOB,
TRCIOC, TRCIOD,
TRCTRG, TRCCLK,
ADTRG,
RXD0, RXD2,
CLK0, CLK2,
SSI, SCL, SDA, SSO
0.05
0.2
−
V
RESET
0.05
0.20
−
V
IIH
Input “H” current
VI = 2.2 V, VCC = 2.2 V
−−
4.0
µA
IIL
Input “L” current
VI = 0 V, VCC = 2.2 V
−−
−4.0
µA
RPULLUP Pull-up resistance
VI = 0 V, VCC = 2.2 V
70
140
300
k
Ω
RfXIN
Feedback
resistance
XIN
−
0.3
−
M
Ω
RfXCIN
Feedback
resistance
XCIN
−
8
−
M
Ω
VRAM
RAM hold voltage
During stop mode
1.8
−−
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com