Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RNA51953AFPH0 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RNA51953AFPH0
Description  Voltage Detecting, System Resetting IC Series
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RNA51953AFPH0 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button RNA51953AFPH0 Datasheet HTML 2Page - Renesas Technology Corp RNA51953AFPH0 Datasheet HTML 3Page - Renesas Technology Corp RNA51953AFPH0 Datasheet HTML 4Page - Renesas Technology Corp RNA51953AFPH0 Datasheet HTML 5Page - Renesas Technology Corp RNA51953AFPH0 Datasheet HTML 6Page - Renesas Technology Corp RNA51953AFPH0 Datasheet HTML 7Page - Renesas Technology Corp RNA51953AFPH0 Datasheet HTML 8Page - Renesas Technology Corp RNA51953AFPH0 Datasheet HTML 9Page - Renesas Technology Corp RNA51953AFPH0 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
RNA51953A, B
Preliminary
REJ03D0911-0402 Rev.4.02
Page 6 of 10
Apr 01, 2010
Output Sink Current Isink (mA)
0.3
0
02
1
3456
0.1
0.2
VCC = 5 V
VCC = 15 V
VCC = 10 V
Output Load Current vs. Output Voltage
(RNA51953A)
Output Voltage VO (V)
0
0
4
8
12
16
–10
–20
–30
–40
Ambient Temperature Ta (°C)
–40
0
–20
20
40
80
60
100
VCC = 5 V
Circuit Current vs. Ambient Temperature
(RNA51953B)
700
0
300
200
100
500
400
600
Output Saturation Voltage vs. Output Sink Current
VCC = 4 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com