Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RNA51953APT0 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RNA51953APT0
Description  Voltage Detecting, System Resetting IC Series
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RNA51953APT0 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button RNA51953APT0 Datasheet HTML 3Page - Renesas Technology Corp RNA51953APT0 Datasheet HTML 4Page - Renesas Technology Corp RNA51953APT0 Datasheet HTML 5Page - Renesas Technology Corp RNA51953APT0 Datasheet HTML 6Page - Renesas Technology Corp RNA51953APT0 Datasheet HTML 7Page - Renesas Technology Corp RNA51953APT0 Datasheet HTML 8Page - Renesas Technology Corp RNA51953APT0 Datasheet HTML 9Page - Renesas Technology Corp RNA51953APT0 Datasheet HTML 10Page - Renesas Technology Corp RNA51953APT0 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
RNA51953A, B
Preliminary
REJ03D0911-0402 Rev.4.02
Page 7 of 10
Apr 01, 2010
Example of Application Circuit
Reset Circuit of RNA51953
RL
VCC
RNA51953x
RESET
Logic circuit
GND
Delay capacitor
GND
Cd
Power-
supply
Power-
supply
Output
Figure 1 Reset Circuit of RNA51953
Notes: 1. When the voltage is anything except 4.25 V, RNA51957 and RNA51958 are used. In this case, the detecting
supply voltage is 1.25
 (R
1 +R2)/R2 (V) approximately.
The detecting supply voltage can be set between 2 V and 15 V.
2. The delay time is about 0.34
 Cd (pF) s.
3. If the RNA51953 and the logic circuit share a common power source, type A (built-in load type) can be used
whether a pull-up resistor is included in the logic circuit or not.
4. The logic circuit preferably should not have a pull-down resistor, but if one is present, add load resistor RL to
overcome the pull-down resistor.
5. When the reset terminal in the logic circuit is of the low reset type, RNA51953 and RNA51957 are used and
when the terminal is of the high reset type, RNA51958 are used.
6. When a negative supply voltage is used, the supply voltage side of RNA51953 and the GND side are
connected to negative supply voltage respectively.
Case of Using Reset Signal except Supply Voltage in the RNA51953
Out
put
RL
VCC
RNA51953x
RNA51953x
(a) Reset at ON
RESET
Logic circuit
Out
put
GND
Delay capacitor
GND
Cd
RL
VCC
(b) Reset at transistor ON
RESET
Logic circuit
GND
Delay capacitor
GND
Cd
Control
signal
Power-
supply
Power-
supply
Power-
supply
Power-
supply
Figure 2 Case of Using Reset Signal except Supply Voltage in the RNA51953



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com