Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RNA51958AFPH0 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RNA51958AFPH0
Description  Voltage Detecting, System Resetting IC Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RNA51958AFPH0 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button RNA51958AFPH0 Datasheet HTML 2Page - Renesas Technology Corp RNA51958AFPH0 Datasheet HTML 3Page - Renesas Technology Corp RNA51958AFPH0 Datasheet HTML 4Page - Renesas Technology Corp RNA51958AFPH0 Datasheet HTML 5Page - Renesas Technology Corp RNA51958AFPH0 Datasheet HTML 6Page - Renesas Technology Corp RNA51958AFPH0 Datasheet HTML 7Page - Renesas Technology Corp RNA51958AFPH0 Datasheet HTML 8Page - Renesas Technology Corp RNA51958AFPH0 Datasheet HTML 9Page - Renesas Technology Corp RNA51958AFPH0 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
RNA51958A, B
Preliminary
REJ03D0915-0302 Rev.3.02
Page 6 of 13
Apr 01, 2010
–40
0
–20
20
40
80
60
100
–12
0
–4
–8
–6
–2
–10
VCC = 5 V
VCC = 15 V
VCC = 5 V
VCC = 15 V
VCC = 10 V
0
048
12
16
–10
–20
–30
–40
Output Load Current vs. Output Voltage
(RNA51958A)
Output Voltage VO (V)
0.3
0
02
13
4
5
6
0.1
0.2
Output Sink Current Isink (mA)
Output Saturation Voltage vs. Output Sink Current
Supply voltage detecting
: VCC = 5 V
Ambient Temperature Ta (°C)
Canstant Current at Cd pin vs. Ambient Temperature
0
0
4
8
12
16
200
400
600
800
Ta = –40°C
Ta = 25°C
Ta = 85°C
Supply Voltage VCC (V)
Circuit Current vs. Supply Voltage
(RNA51958B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com