Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2J20604NP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R2J20604NP
Description  Integrated Driver - MOS FET (DrMOS)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2J20604NP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R2J20604NP Datasheet HTML 5Page - Renesas Technology Corp R2J20604NP Datasheet HTML 6Page - Renesas Technology Corp R2J20604NP Datasheet HTML 7Page - Renesas Technology Corp R2J20604NP Datasheet HTML 8Page - Renesas Technology Corp R2J20604NP Datasheet HTML 9Page - Renesas Technology Corp R2J20604NP Datasheet HTML 10Page - Renesas Technology Corp R2J20604NP Datasheet HTML 11Page - Renesas Technology Corp R2J20604NP Datasheet HTML 12Page - Renesas Technology Corp R2J20604NP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
R2J20604NP
REJ03G1605-0400 Rev.4.00 Mar 12, 2010
Page 7 of 14
Test Circuit
R2J20604NP
Reg5V
VCIN
VCIN
BOOT
GH
CGND
VLDRV
VLDRV
VB
IIN
VIN
ILDRV
ICIN
PGND
GL
DISBL#
PWM
5 V pulse
Note: PIN = IIN
× VIN + ILDRV × VLDRV + ICIN × VCIN
POUT = IO
× VO
Efficiency = POUT / PIN
PLOSS(DrMOS) = PIN – POUT
Ta = 27
°C
VIN
VSWH
A
V
A
A
Average Output Voltage
VO
V
IO
Electric
load
Averaging
circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com