Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1936-E/SS Datasheet(PDF) 68 Page - Microchip Technology

Part # PIC16F1936-E/SS
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1936-E/SS Datasheet(HTML) 68 Page - Microchip Technology

Back Button PIC16F1936-E/SS Datasheet HTML 64Page - Microchip Technology PIC16F1936-E/SS Datasheet HTML 65Page - Microchip Technology PIC16F1936-E/SS Datasheet HTML 66Page - Microchip Technology PIC16F1936-E/SS Datasheet HTML 67Page - Microchip Technology PIC16F1936-E/SS Datasheet HTML 68Page - Microchip Technology PIC16F1936-E/SS Datasheet HTML 69Page - Microchip Technology PIC16F1936-E/SS Datasheet HTML 70Page - Microchip Technology PIC16F1936-E/SS Datasheet HTML 71Page - Microchip Technology PIC16F1936-E/SS Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 418 page
background image
PIC16F193X/LF193X
DS41364A-page 66
Preliminary
© 2008 Microchip Technology Inc.
TABLE 3-5:
TIME-OUT IN VARIOUS SITUATIONS
TABLE 3-6:
RESET BITS AND THEIR SIGNIFICANCE
FIGURE 3-5:
TIME-OUT SEQUENCE ON POWER-UP (DELAYED MCLR): CASE 1
Oscillator Configuration
Power-up and Brown-out Reset
Wake-up from Sleep
or Oscillator Switch
PWRTE = 0
PWRTE = 1
XT, HS, LP
64 ms + 1024 • TOSC
1024 • TOSC
1024 • TOSC
External RC
64 ms
—
—
EC
64 ms
—
—
INTOSC
64 ms
1
μs1 μs
Note 1:
LP mode with T1OSC disabled.
STKOVF STKUNF
RMCLR
RI
POR
BOR
TO
PD
Condition
00110x11
Power-on Reset
00110x0x
Illegal, TO is set on POR
00110xx0
Illegal, PD is set on POR
001uu011
Brown-out Reset
uuuuuu0u
WDT Reset
uuuuuu00
WDT Wake-up from Sleep
uuuuuu10
Interrupt Wake-up from Sleep
uu0uuuuu
MCLR Reset during normal operation
uu0uuu10
MCLR Reset during Sleep
uuu0uuuu
RESET
instruction executed
1uuuuuuu
Stack Overflow Reset (STVREN = 1)
u1uuuuuu
Stack Underflow Reset (STVREN = 1)
Legend:
u
= unchanged, x = unknown
TPWRT
TOST
VDD
MCLR
Internal POR
PWRT Time-out
OST Time-out
Internal Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com