Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1521 Datasheet(PDF) 18 Page - ams AG

Part # AS1521
Description  10-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1521 Datasheet(HTML) 18 Page - ams AG

Back Button AS1521 Datasheet HTML 14Page - ams AG AS1521 Datasheet HTML 15Page - ams AG AS1521 Datasheet HTML 16Page - ams AG AS1521 Datasheet HTML 17Page - ams AG AS1521 Datasheet HTML 18Page - ams AG AS1521 Datasheet HTML 19Page - ams AG AS1521 Datasheet HTML 20Page - ams AG AS1521 Datasheet HTML 21Page - ams AG AS1521 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
www.austriamicrosystems.com
Revision 1.00
18 - 29
AS1520/AS1521
Data Sheet - Deta iled Description
Figure 23. Detailed Serial Interface Timing Waveforms
The external serial clock shifts data in and out of the devices and drives the analog-to-digital conversion steps. Two
clock periods after the last bit of the control byte is written the output pin SSTRB pulses high for one clock period.
The serial data is shifted out at DOUT on each of the next 12 SCLK rising edges (see Figure 21 on page 17).
Pins SSTRB and DOUT go into a high-impedance state when CSN goes high. The conversion must complete in 120µs
or less, or consequently, droop on the sample-and-hold capacitors may degrade conversion results. Figure 23 shows
detailed serial-interface timing waveforms.
Transfer Functions
Output coding and transfer function depend on the control register bits MODE (page 15) and RANGE (page 15).
Figure 24. Straight Binary Transfer Function for
Figure 25. Straight Binary Transfer Function for
RANGE = 1 and MODE = 1
RANGE = 0 and MODE = 1
tDH
CSN
SCLK
DIN
SSTRB
DOUT
tCSS
tCP
tCSW
tCSO
tCL
tCH
tDOH
tDOV
tDOD
tSTD
tSTH
tDS
tDOE
tSTE
tSTV
11...111
11...1110
11....101
00...011
00...010
00...001
00...000
01
2
3
Input Voltage AIN+ - AIN- (LSB)
FS - 3/2LSB
Full Scale (FS)
Transition
Full Scale = VREF
Zero Scale = 0
1LSB = VREF/1024
11...111
11...1110
11....101
00...011
00...010
00...001
00...000
ZS
ZS+1LSB
Input Voltage AIN+ - AIN- (LSB)
FS - 3/2LSB
Full Scale (FS)
Transition
Full Scale = +VREF/2
Zero Scale = -VREF/2
1LSB = VREF/1024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com