Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F54-I/SP Datasheet(PDF) 10 Page - Microchip Technology

Part # PIC16F54-I/SP
Description  Flash-Based, 8-Bit CMOS Microcontroller Series
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F54-I/SP Datasheet(HTML) 10 Page - Microchip Technology

Back Button PIC16F54-I/SP Datasheet HTML 6Page - Microchip Technology PIC16F54-I/SP Datasheet HTML 7Page - Microchip Technology PIC16F54-I/SP Datasheet HTML 8Page - Microchip Technology PIC16F54-I/SP Datasheet HTML 9Page - Microchip Technology PIC16F54-I/SP Datasheet HTML 10Page - Microchip Technology PIC16F54-I/SP Datasheet HTML 11Page - Microchip Technology PIC16F54-I/SP Datasheet HTML 12Page - Microchip Technology PIC16F54-I/SP Datasheet HTML 13Page - Microchip Technology PIC16F54-I/SP Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
PIC16F5X
DS41213D-page 8
© 2007 Microchip Technology Inc.
FIGURE 2-1:
PIC16F5X SERIES BLOCK DIAGRAM
WDT
Time-out
8
Stack 1
Stack 2
Flash
512 X 12 (F54)
2048 X 12(F57)
2048 x 12(F59)
Instruction
Register
Instruction
Decoder
Watchdog
Timer
Configuration Word
Oscillator/
Timing &
Control
General
Purpose
Register
File
(SRAM)
25, 72 or 134
Bytes
WDT/TMR0
Prescaler
Option Reg.
“Option”
“Sleep”
“Code-
Protect”
“Osc
Select”
Direct Address
TMR0
From W
From W
“TRIS 5”
“TRIS 6”
“TRIS 7”
SFR
TRISA
PORTA
TRISB
PORTC
TRISC
PORTB
From W
T0CKI
Pin
9-11
9-11
12
12
8
W
4
4
4
Data Bus
8
8
8
8
8
8
8
ALU
STATUS
From W
CLKOUT
8
9
6
5
5-7
OSC1 OSC2 MCLR
PC
“Disable”
2
RA<3:0>
RB<7:0>
RC<7:0>
PIC16F57/59
only
Direct RAM
Address
“TRIS 8”
PORTD
TRISD
From W
8
8
8
RD<7:0>
PIC16F59
only
“TRIS 9”
PORTE
TRISE
From W
4
4
RE<7:4>
PIC16F59
only
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com