Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F4580 Datasheet(PDF) 90 Page - Microchip Technology

Part # PIC18F4580
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4580 Datasheet(HTML) 90 Page - Microchip Technology

Back Button PIC18F4580 Datasheet HTML 86Page - Microchip Technology PIC18F4580 Datasheet HTML 87Page - Microchip Technology PIC18F4580 Datasheet HTML 88Page - Microchip Technology PIC18F4580 Datasheet HTML 89Page - Microchip Technology PIC18F4580 Datasheet HTML 90Page - Microchip Technology PIC18F4580 Datasheet HTML 91Page - Microchip Technology PIC18F4580 Datasheet HTML 92Page - Microchip Technology PIC18F4580 Datasheet HTML 93Page - Microchip Technology PIC18F4580 Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 490 page
background image
PIC18F2480/2580/4480/4580
DS39637D-page 90
© 2009 Microchip Technology Inc.
B4D2(8)
B4D27
B4D26
B4D25
B4D24
B4D23
B4D22
B4D21
B4D20
xxxx xxxx
63, 305
B4D1(8)
B4D17
B4D16
B4D15
B4D14
B4D13
B4D12
B4D11
B4D10
xxxx xxxx
63, 305
B4D0(8)
B4D07
B4D06
B4D05
B4D04
B4D03
B4D02
B4D01
B4D00
xxxx xxxx
62, 305
B4DLC(8)
Receive mode
—
RXRTR
RB1
RB0
DLC3
DLC2
DLC1
DLC0
-xxx xxxx
63, 307
B4DLC(8)
Transmit mode
—TXRTR
—
—
DLC3
DLC2
DLC1
DLC0
-x-- xxxx
63, 307
B4EIDL(8)
EID7
EID6
EID5
EID4
EID3
EID2
EID1
EID0
xxxx xxxx
63, 305
B4EIDH(8)
EID15
EID14
EID13
EID12
EID11
EID10
EID9
EID8
xxxx xxxx
63, 304
B4SIDL(8)
Receive mode
SID2
SID1
SID0
SRR
EXID
—EID17
EID16
xxxx x-xx
63, 303
B4SIDL(8)
Transmit mode
SID2
SID1
SID0
—EXIDE
—EID17
EID16
xxx- x-xx
63, 303
B4SIDH(8)
SID10
SID9
SID8
SID7
SID6
SID5
SID4
SID3
xxxx xxxx
63, 302
B4CON(8)
Receive mode
RXFUL
RXM1
RXRTRRO
FILHIT4
FILHIT3
FILHIT2
FILHIT1
FILHIT0
0000 0000
63, 301
B4CON(8)
Transmit mode
TXBIF
TXABT
TXLARB
TXERR
TXREQ
RTREN
TXPRI1
TXPRI0
0000 0000
63, 301
B3D7(8)
B3D77
B3D76
B3D75
B3D74
B3D73
B3D72
B3D71
B3D70
xxxx xxxx
63, 305
B3D6(8)
B3D67
B3D66
B3D65
B3D64
B3D63
B3D62
B3D61
B3D60
xxxx xxxx
63, 305
B3D5(8)
B3D57
B3D56
B3D55
B3D54
B3D53
B3D52
B3D51
B3D50
xxxx xxxx
63, 305
B3D4(8)
B3D47
B3D46
B3D45
B3D44
B3D43
B3D42
B3D41
B3D40
xxxx xxxx
63, 305
B3D3(8)
B3D37
B3D36
B3D35
B3D34
B3D33
B3D32
B3D31
B3D30
xxxx xxxx
63, 305
B3D2(8)
B3D27
B3D26
B3D25
B3D24
B3D23
B3D22
B3D21
B3D20
xxxx xxxx
63, 305
B3D1(8)
B3D17
B3D16
B3D15
B3D14
B3D13
B3D12
B3D11
B3D10
xxxx xxxx
63, 305
B3D0(8)
B3D07
B3D06
B3D05
B3D04
B3D03
B3D02
B3D01
B3D00
xxxx xxxx
63, 305
B3DLC(8)
Receive mode
—
RXRTR
RB1
RB0
DLC3
DLC2
DLC1
DLC0
-xxx xxxx
63, 307
B3DLC(8)
Transmit mode
—TXRTR
—
—
DLC3
DLC2
DLC1
DLC0
-x-- xxxx
63, 307
B3EIDL(8)
EID7
EID6
EID5
EID4
EID3
EID2
EID1
EID0
xxxx xxxx
63, 305
B3EIDH(8)
EID15
EID14
EID13
EID12
EID11
EID10
EID9
EID8
xxxx xxxx
63, 304
B3SIDL(8)
Receive mode
SID2
SID1
SID0
SRR
EXID
—EID17
EID16
xxxx x-xx
63, 303
B3SIDL(8)
Transmit mode
SID2
SID1
SID0
—EXIDE
—EID17
EID16
xxx- x-xx
63, 303
B3SIDH(8)
SID10
SID9
SID8
SID7
SID6
SID5
SID4
SID3
xxxx xxxx
63, 302
B3CON(8)
Receive mode
RXFUL
RXM1
RXRTRRO
FILHIT4
FILHIT3
FILHIT2
FILHIT1
FILHIT0
0000 0000
63, 301
B3CON(8)
Transmit mode
TXBIF
TXABT
TXLARB
TXERR
TXREQ
RTREN
TXPRI1
TXPRI0
0000 0000
63, 301
B2D7(8)
B2D77
B2D76
B2D75
B2D74
B2D73
B2D72
B2D71
B2D70
xxxx xxxx
63, 305
B2D6(8)
B2D67
B2D66
B2D65
B2D64
B2D63
B2D62
B2D61
B2D60
xxxx xxxx
63, 305
B2D5(8)
B2D57
B2D56
B2D55
B2D54
B2D53
B2D52
B2D51
B2D50
xxxx xxxx
63, 305
TABLE 6-2:
REGISTER FILE SUMMARY (PIC18F2480/2580/4480/4580) (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Detailson
Page:
Legend: x = unknown, u = unchanged, - = unimplemented, q = value depends on condition
Note 1:
Bit 21 of the PC is only available in Test mode and Serial Programming modes.
2:
The SBOREN bit is only available when CONFIG2L<1:0> = 01; otherwise, it is disabled and reads as ‘0’. See Section 5.4 “Brown-out Reset (BOR)”.
3:
These registers and/or bits are not implemented on PIC18F2X80 devices and are read as ‘0’. Reset values are shown for PIC18F4X80 devices;
individual unimplemented bits should be interpreted as ‘—’.
4:
The PLLEN bit is only available in specific oscillator configuration; otherwise, it is disabled and reads as ‘0’. See Section 3.6.4 “PLL in INTOSC
Modes”.
5:
The RE3 bit is only available when Master Clear Reset is disabled (CONFIG3H<7> = 0); otherwise, RE3 reads as ‘0’. This bit is read-only.
6:
RA6/RA7 and their associated latch and direction bits are individually configured as port pins based on various primary oscillator modes. When
disabled, these bits read as ‘0’.
7:
CAN bits have multiple functions depending on the selected mode of the CAN module.
8:
This register reads all ‘0’s until the ECAN™ technology is set up in Mode 1 or Mode 2.
9:
These registers are available on PIC18F4X80 devices only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com