Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F54-E/SSG Datasheet(PDF) 15 Page - Microchip Technology

Part # PIC16F54-E/SSG
Description  Flash-Based, 8-Bit CMOS Microcontroller Series
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F54-E/SSG Datasheet(HTML) 15 Page - Microchip Technology

Back Button PIC16F54-E/SSG Datasheet HTML 11Page - Microchip Technology PIC16F54-E/SSG Datasheet HTML 12Page - Microchip Technology PIC16F54-E/SSG Datasheet HTML 13Page - Microchip Technology PIC16F54-E/SSG Datasheet HTML 14Page - Microchip Technology PIC16F54-E/SSG Datasheet HTML 15Page - Microchip Technology PIC16F54-E/SSG Datasheet HTML 16Page - Microchip Technology PIC16F54-E/SSG Datasheet HTML 17Page - Microchip Technology PIC16F54-E/SSG Datasheet HTML 18Page - Microchip Technology PIC16F54-E/SSG Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 88 page
background image
© 2007 Microchip Technology Inc.
DS41213D-page 13
PIC16F5X
3.0
MEMORY ORGANIZATION
PIC16F5X memory is organized into program memory
and data memory. For the PIC16F57 and PIC16F59,
which have more than 512 words of program memory,
a paging scheme is used. Program memory pages are
accessed using one or two STATUS register bits. For
the PIC16F57 and PIC16F59, which have a data mem-
ory register file of more than 32 registers, a banking
scheme is used. Data memory banks are accessed
using the File Selection Register (FSR).
3.1
Program Memory Organization
The PIC16F54 has a 9-bit Program Counter (PC)
capable of addressing a 512 x 12 program memory
space (Figure 3-1). The PIC16F57 and PIC16F59 have
an 11-bit Program Counter capable of addressing a 2K
x 12 program memory space (Figure 3-2). Accessing a
location above the physically implemented address will
cause a wraparound.
A NOP at the Reset vector location will cause a restart
at location 000h. The Reset vector for the PIC16F54 is
at 1FFh. The Reset vector for the PIC16F57 and
PIC16F59 is at 7FFh. See Section 3.5 “Program
Counter” for additional information using CALL and
GOTO
instructions.
FIGURE 3-1:
PIC16F54 PROGRAM
MEMORY MAP AND
STACK
FIGURE 3-2:
PIC16F57/PIC16F59
PROGRAM MEMORY MAP
AND STACK
PC<8:0>
Stack Level 1
Stack Level 2
CALL, RETLW
9
000h
1FFh
Reset Vector
0FFh
100h
On-chip
Program
Memory
PC<10:0>
Stack Level 1
Stack Level 2
11
000h
1FFh
Reset Vector
0FFh
100h
On-chip Program
Memory (Page 0)
On-chip Program
Memory (Page 1)
On-chip Program
Memory (Page 2)
On-chip Program
Memory (Page 3)
200h
3FFh
2FFh
300h
400h
5FFh
4FFh
500h
600h
7FFh
6FFh
700h
CALL, RETLW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com