Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F505-I/MS Datasheet(PDF) 78 Page - Microchip Technology

Part # PIC16F505-I/MS
Description  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F505-I/MS Datasheet(HTML) 78 Page - Microchip Technology

Back Button PIC16F505-I/MS Datasheet HTML 74Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 75Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 76Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 77Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 78Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 79Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 80Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 81Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 110 page
background image
PIC12F508/509/16F505
DS41236E-page 78
© 2009 Microchip Technology Inc.
TABLE 10-5:
TIMING REQUIREMENTS – PIC12F508/509/16F505
FIGURE 10-6:
RESET, WATCHDOG TIMER AND DEVICE RESET TIMER TIMING –
PIC12F508/509/16F505
AC
CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
-40
°C ≤ TA ≤ +85°C (industrial)
-40
°C ≤ TA ≤ +125°C (extended)
Operating Voltage VDD range is described in Section 10.1 "Power-on Reset (POR)"
Param
No.
Sym.
Characteristic
Min.
Typ(1)
Max.
Units
17
TOSH2IOVOSC1
↑ (Q1 cycle) to Port Out Valid(2), (3)
——
100*
ns
18
TOSH2IOIOSC1
↑ (Q2 cycle) to Port Input Invalid (I/O in hold time)(2)
50
—
—
ns
19
TIOV2OSH
Port Input Valid to OSC1
↑ (I/O in setup time)
20
—
—
ns
20
TIOR
Port Output Rise Time(3)
—10
25**
ns
21
TIOF
Port Output Fall Time(3)
—10
25**
ns
*
These parameters are characterized but not tested.
** These parameters are design targets and are not tested.
Note 1:
Data in the Typical (“Typ”) column is at 5V, 25°C unless otherwise stated. These parameters are for design
guidance only and are not tested.
2:
Measurements are taken in EXTRC mode.
3:
See Figure 10-3 for loading conditions.
VDD
MCLR
Internal
POR
DRT
Timeout(2)
Internal
Reset
Watchdog
Timer
Reset
32
31
34
I/O pin(1)
32
32
34
30
Note
1:
I/O pins must be taken out of High-Impedance mode by enabling the output drivers in software.
2:
Runs in MCLR or WDT Reset only in XT, LP and HS (PIC16F505) modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com