Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F2011 Datasheet(PDF) 91 Page - Microchip Technology

Part # DSPIC30F2011
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011 Datasheet(HTML) 91 Page - Microchip Technology

Back Button DSPIC30F2011_08 Datasheet HTML 87Page - Microchip Technology DSPIC30F2011_08 Datasheet HTML 88Page - Microchip Technology DSPIC30F2011_08 Datasheet HTML 89Page - Microchip Technology DSPIC30F2011_08 Datasheet HTML 90Page - Microchip Technology DSPIC30F2011_08 Datasheet HTML 91Page - Microchip Technology DSPIC30F2011_08 Datasheet HTML 92Page - Microchip Technology DSPIC30F2011_08 Datasheet HTML 93Page - Microchip Technology DSPIC30F2011_08 Datasheet HTML 94Page - Microchip Technology DSPIC30F2011_08 Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 206 page
background image
© 2008 Microchip Technology Inc.
DS70139F-page 91
dsPIC30F2011/2012/3012/3013
13.0 SPI™ MODULE
The Serial Peripheral Interface (SPI™) module is a
synchronous
serial
interface.
It
is
useful
for
communicating with other peripheral devices, such as
EEPROMs, shift registers, display drivers and A/D
converters, or other microcontrollers. It is compatible
with Motorola's SPI and SIOP interfaces. The
dsPIC30F2011/2012/3012/3013 devices feature one
SPI module, SPI1.
13.1
Operating Function Description
Figure 13-1 is a simplified block diagram of the SPI
module, which consists of a 16-bit shift register,
SPI1SR, used for shifting data in and out, and a buffer
register, SPI1BUF. Control register SPI1CON (not
shown) configures the module. Additionally, status
register SPI1STAT (not shown) indicates various status
conditions.
Four I/O pins comprise the serial interface:
• SDI1 (serial data input)
• SDO1 (serial data output)
• SCK1 (shift clock input or output)
• SS1 (active-low slave select).
In Master mode operation, SCK1 is a clock output. In
Slave mode, it is a clock input.
A series of eight (8) or sixteen (16) clock pulses shift
out bits from the SPI1SR to SDO1 pin and
simultaneously shift in data from SDI1 pin. An interrupt
is generated when the transfer is complete and the
interrupt flag bit (SPI1IF) is set. This interrupt can be
disabled through the interrupt enable bit, SPI1IE.
The receive operation is double-buffered. When a
complete byte is received, it is transferred from SPI1SR
to SPI1BUF.
If the receive buffer is full when new data is being
transferred from SPI1SR to SPI1BUF, the module will
set the SPIROV bit indicating an overflow condition.
The transfer of the data from SPI1SR to SPI1BUF is not
completed and the new data is lost. The module will not
respond to SCL transitions while SPIROV is ‘1’, effec-
tively disabling the module until SPI1BUF is read by
user software.
Transmit writes are also double-buffered. The user
writes to SPI1BUF. When the master or slave transfer
is completed, the contents of the shift register
(SPI1SR) are moved to the receive buffer. If any
transmit data has been written to the buffer register, the
contents of the transmit buffer are moved to SPI1SR.
The received data is thus placed in SPI1BUF and the
transmit data in SPI1SR is ready for the next transfer.
Note:
This data sheet summarizes features of
this group of dsPIC30F devices and is not
intended to be a complete reference
source. For more information on the CPU,
peripherals, register descriptions and
general device functionality, refer to the
“dsPIC30F Family Reference Manual”
(DS70046).
Note:
See
“dsPIC30F
Family
Reference
Manual”
(DS70046)
for
detailed
information on the control and status
registers.
Note:
Both the transmit buffer (SPI1TXB) and
the receive buffer (SPI1RXB) are mapped
to the same register address, SPI1BUF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com