Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F616-I/ST Datasheet(PDF) 17 Page - Microchip Technology

Part # PIC16F616-I/ST
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F616-I/ST Datasheet(HTML) 17 Page - Microchip Technology

Back Button PIC16F616-I/ST Datasheet HTML 13Page - Microchip Technology PIC16F616-I/ST Datasheet HTML 14Page - Microchip Technology PIC16F616-I/ST Datasheet HTML 15Page - Microchip Technology PIC16F616-I/ST Datasheet HTML 16Page - Microchip Technology PIC16F616-I/ST Datasheet HTML 17Page - Microchip Technology PIC16F616-I/ST Datasheet HTML 18Page - Microchip Technology PIC16F616-I/ST Datasheet HTML 19Page - Microchip Technology PIC16F616-I/ST Datasheet HTML 20Page - Microchip Technology PIC16F616-I/ST Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 214 page
background image
© 2009 Microchip Technology Inc.
DS41288F-page 17
PIC16F610/616/16HV610/616
TABLE 2-2:
PIC16F610/616/16HV610/616 SPECIAL FUNCTION REGISTERS SUMMARY BANK 1
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Page
Bank 1
80h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
24, 116
81h
OPTION_REG
RAPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
19, 116
82h
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
24, 116
83h
STATUS
IRP(1)
RP1(1)
RP0
TO
PD
ZDC
C
0001 1xxx
18, 116
84h
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
24, 116
85h
TRISA
—
—
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
--11 1111
33, 116
86h
—
Unimplemented
—
—
87h
TRISC
—
—
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
--11 1111
42, 116
88h
—
Unimplemented
—
—
89h
—
Unimplemented
—
—
8Ah
PCLATH
—
—
—
Write Buffer for upper 5 bits of Program Counter
---0 0000
24, 116
8Bh
INTCON
GIE
PEIE
T0IE
INTE
RAIE
T0IF
INTF
RAIF
0000 0000
20, 116
8Ch
PIE1
—ADIE(3)
CCP1IE(3)
C2IE
C1IE
—TMR2IE(3)
TMR1IE
-000 0-00
21, 116
8Dh
—
Unimplemented
—
—
8Eh
PCON
—
—
—
—
—
—POR
BOR
---- --qq
23, 116
8Fh
—
Unimplemented
—
—
90h
OSCTUNE
—
—
—
TUN4
TUN3
TUN2
TUN1
TUN0
---0 0000
31, 117
91h
ANSEL
ANS7
ANS6
ANS5
ANS4
ANS3(3)
ANS2(3)
ANS1
ANS0
1111 1111
34, 117
92h
PR2(3)
Timer2 Module Period Register
1111 1111
55, 117
93h
—
Unimplemented
—
—
94h
—
Unimplemented
—
—
95h
WPUA
—
—
WPUA5
WPUA4
—
WPUA2
WPUA1
WPUA0
--11 -111
35, 117
96h
IOCA
—
—
IOCA5
IOCA4
IOCA3
IOCA2
IOCA1
IOCA0
--00 0000
35, 117
97h
—
Unimplemented
—
—
98h
—
Unimplemented
—
—
99h
SRCON0
SR1
SR0
C1SEN
C2REN
PULSS
PULSR
—
SRCLKEN
0000 00-0
69, 117
9Ah
SRCON1
SRCS1
SRCS0
—
—
—
—
—
—
00-- ----
69, 117
9Bh
—
Unimplemented
—
—
9Ch
—
Unimplemented
—
—
9Dh
—
Unimplemented
—
—
9Eh
ADRESL(3,4)
Least Significant 2 bits of the left shifted result or 8 bits of the right shifted result
xxxx xxxx
80, 117
9Fh
ADCON1(3)
—
ADCS2
ADCS1
ADCS0
—
—
—
—
-000 ----
79, 117
Legend:
– = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented
Note
1:
IRP and RP1 bits are reserved, always maintain these bits clear.
2:
RA3 pull-up is enabled when MCLRE is ‘1’ in the Configuration Word register.
3:
PIC16F616/16HV616 only.
4:
Read-only Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com